Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2556 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2556
Description  Lowpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2556 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2556 Datasheet HTML 1Page - KR Electronics, Inc. 2556 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2004, KR Electronics, Inc.
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
1 000 . 000
000
MHz
Cor
26 Aug 2004 12:25:21
KR 2556 Lowpass Filter
KR 2556 is a 175 MHz elliptic type lowpass filter. The filter has
a 175 MHz min 1.5 dB bandwidth and is designed for 50
source and load impedance. Other passband frequencies, band-
widths and impedances are available. Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
175 MHz Elliptic type lowpass
Sharp 1.29:1 transition
50 Ω
DIP Package
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2556

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2556 ETC2-2556 Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
2556 ETC2-2556 Datasheet
3Mb / 6P
   Bandwidth up to 300 MHz
logo
Weidmuller
2556010000 WEIDMULLER-2556010000 Datasheet
312Kb / 3P
   Primary current: 64 A, Secondary current max.: 1A
2556030000 WEIDMULLER-2556030000 Datasheet
312Kb / 3P
   Primary current: 50 A, Secondary current max.: 1A
logo
Pentair plc. All rights...
255674-43 PENTAIR-255674-43 Datasheet
226Kb / 2P
   SEDIMENT FILTRATION AND CHLORINE TASTE & ODOR REDUCTION IN A SINGLE CARTRIDGE
More results

Similar Description - 2556

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2054 KR-2054 Datasheet
15Kb / 1P
   Lowpass Filter
2082 KR-2082 Datasheet
28Kb / 1P
   Lowpass Filter
2156-20-75 KR-2156-20-75 Datasheet
20Kb / 2P
   Lowpass Filter
2181 KR-2181 Datasheet
29Kb / 1P
   Lowpass Filter
2434-30 KR-2434-30 Datasheet
30Kb / 2P
   Lowpass Filter
2454 KR-2454 Datasheet
25Kb / 2P
   Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
   Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
   Lowpass Filter
2391-3.5-75 KR-2391-3.5-75 Datasheet
22Kb / 2P
   Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
   Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
   Lowpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com