Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

667S Datasheet(PDF) 1 Page - Mallory performance club

Part # 667S
Description  VIIS SPORTSMAN CD IGNITION SYSTEM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

667S Datasheet(HTML) 1 Page - Mallory performance club

  667S Datasheet HTML 1Page - Mallory performance club 667S Datasheet HTML 2Page - Mallory performance club 667S Datasheet HTML 3Page - Mallory performance club 667S Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
HYFIRE® VIIS SPORTSMAN
CD IGNITION SYSTEM
Part No. 667S
4–12 Cylinder
Notice: This product is legal for sale or use only on vehicles which may never be used on highways.
The HYFIRE® VIIS Sportsman CD Ignition Controls are not compatible with distributorless systems or
positive ground applications. The RPM Limiter in the HYFIRE® VIIS Sportsman CD Ignition Controls will not
work properly with odd-fire or semi-even fire V6 applications. The HYFIRE® VIIS Ignition System is not
designed for marine use.
GENERAL INFORMATION
The RPM limiter in the HYFIRE® VIIS Ignition System is not recommended as
an engine speed governor. The use of the RPM limiters is not recommended for
applications equipped with a catalytic converter. Similarly, forcing engine RPM
past the RPM limiter continuously for long sustained intervals can cause
problems resulting from fuel build up in the exhaust system that may adversely
affect the application.
Ignition Ballast Resistor / Loom Resistance Wire
The HYFIRE® VIIS Ignition Ignition’s performance is not affected by the presence
of the factory ignition resistors or ignition ballast resistors in the wire from the
ignition switch. It is not necessary to install ignition ballast resistors as specified
by the instructions for the particular distributor.
Ignition Coils
The HYFIRE® VIIS Ignition System is designed to work with Mallory
PROMASTER® Coil Part No. 28880. Avoid using any other type of ignition coil.
Spark Plug Wires
YOU MUST USE suppression type (carbon core, spiral core) spark plug wire.
We recommend spiral core ignition wire, such as Mallory PRO SIDEWINDER®
Ignition Wire. Suppression type spark plug wires prevent false triggering and the
possibility of premature ignition or accessory failures.
DO NOT USE solid core (copper core; stainless steel core) spark plug wire with
any electronic ignition system or accessory. Solid core spark plug wire is a
source of ignition noise, which can cause false triggering and premature ignition
or accessory failure.
Spark Plug Gaps
For street applications, use your engine manufacturer’s specifications. For racing
applications, start with your engine manufacturer’s specifications, then experi-
ment with the plug gap to achieve maximum performance.
Electric Welding
Disconnect the HYFIRE® VIIS Ignition System and unplug any distributor
harnesses (if possible) before any welding is done on the vehicle.
External RPM Limiters
Mallory RPM Limiter Part Nos. 641-4, 641-6, 641-8, 642, 643 and 644 WILL
NOT function with the HYFIRE® VII Ignition Systems.
Mallory PRO TACH® I, IV and IV
The tachometer and shift light will work with the HYFIRE® VII Ignition Systems.
However, the RPM limiter WILL NOT function with the HYFIRE® VII Ignition
Systems. Turn the LIMIT RPM knob slightly past 11,000 to prevent the RPM
limiter from interfering with the tachometer’s other functions.
MOUNTING PROCEDURE
Step 1
Disconnect the battery (–) cable to cut power to the system.
Step 2
Select a convenient location to mount the HYFIRE® VIIS Ignition System. Keep
the unit away from hot engine components or extreme heat such as the exhaust
system and manifolds. Keep the unit away from moving devices, such as fans,
belts and linkages. The location must be dry. Moisture will damage components
inside the unit.
Step 3
Mounting to a flat surface with shock mounts
• Hold the unit in its mounting position and center punch the mounting pattern on
the mounting surface for drilling mounting holes. Drill mounting holes using a 9/
32" drill bit.
• Install the shock mounts into the bottom plate of the unit. Hold the unit in position
where it will be mounted.
• From the backside of the mounting surface, insert the washers and the 1/4-20
nylock nuts onto the shock mount studs. Tighten each nut until snug.
INSTALLATION INSTRUCTIONS
®
FORM 1468 (REV. B) 9/00


Similar Part No. - 667S

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
667S MALLORY-667S_14 Datasheet
624Kb / 6P
   HYFIRE짰 VII Series Electronic Ignition
More results

Similar Description - 667S

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
674M MALLORY-674M Datasheet
363Kb / 4P
   HYFIRE짰 VIIS SPORTSMAN CD IGNITION SYSTEM
667C MALLORY-667C Datasheet
116Kb / 8P
   HYFIRE VIIC PRO CD IGNITION SYSTEM
53SERIES MALLORY-53SERIES Datasheet
39Kb / 1P
   MAGNETO IGNITION SYSTEM
logo
Samsung semiconductor
S5L9276 SAMSUNG-S5L9276 Datasheet
182Kb / 50P
   OPTICAL CD MP3 SYSTEM
logo
STMicroelectronics
STA1052 STMICROELECTRONICS-STA1052 Datasheet
189Kb / 14P
   DSP/MCU system for CD-DA, CD-CA, CD-ROM player
logo
Rohm
BU9354KV ROHM-BU9354KV Datasheet
59Kb / 3P
   System LSI for CD player
logo
Sanyo Semicon Device
LV8222W SANYO-LV8222W Datasheet
167Kb / 12P
   CD/MD System Motor Driver
LV8220FN SANYO-LV8220FN Datasheet
147Kb / 15P
   CD/MD System Motor Driver
logo
Samsung semiconductor
MAX-B550 SAMSUNG-MAX-B550 Datasheet
6Mb / 24P
   THREE-CD CHANGER MINI-COMPACT SYSTEM CD-R/RW PLAYBACK
logo
Sanyo Semicon Device
LV8206T SANYO-LV8206T Datasheet
302Kb / 14P
   CD and MD System Motor Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com