Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL20R6-25C Datasheet(PDF) 1 Page - Texas Instruments

Part # TIBPAL20R6-25C
Description  LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL20R6-25C Datasheet(HTML) 1 Page - Texas Instruments

  TIBPAL20R6-25C Datasheet HTML 1Page - Texas Instruments TIBPAL20R6-25C Datasheet HTML 2Page - Texas Instruments TIBPAL20R6-25C Datasheet HTML 3Page - Texas Instruments TIBPAL20R6-25C Datasheet HTML 4Page - Texas Instruments TIBPAL20R6-25C Datasheet HTML 5Page - Texas Instruments TIBPAL20R6-25C Datasheet HTML 6Page - Texas Instruments TIBPAL20R6-25C Datasheet HTML 7Page - Texas Instruments TIBPAL20R6-25C Datasheet HTML 8Page - Texas Instruments TIBPAL20R6-25C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TIBPAL20L8-25C, TIBPAL20R4-25C, TIBPAL20R6-25C, TIBPAL20R8-25C
LOW-POWER HIGH-PERFORMANCE IMPACT
™ PAL® CIRCUITS
SRPS022 – D2920, MAY 1987 – REVISED MARCH 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1992, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard
warranty. Production processing does not necessarily include testing of all
parameters.
Low-Power, High-Performance
Reduced ICC of 105 mA Max
fmax:
Without Feedback . . . 33 MHz Min
With Feedback . . . 25 MHz Min
tpd . . . 25 ns Max
Direct Replacement for PAL20L8A,
PAL20R4A, PAL20R6A, PAL20L8A, with at
Least 50% Reduction in Power
Preload Capability on Output Registers
Simplifies Testing
Power-Up Clear on Registered Devices (All
Register Outputs are Set Low, but Voltage
Levels at the Output Pins Go High)
Package Options Include Plastic Chip
Carriers in Addition to Plastic and Ceramic
DIPs
Dependable Texas Instruments Quality and
Reliability
DEVICE
I
INPUTS
3-STATE
O OUTPUTS
REGISTERED
Q OUTPUTS
I/O
PORT
S
PAL20L8
14
2
0
6
PAL20R4
12
0
4 (3-state buffers)
4
PAL20R6
12
0
6 (3-state buffers)
2
PAL20R8
12
0
8 (3-state buffers)
0
description
These programmable array logic devices feature
high speed and functional equivalency when
compared with currently available devices. These
IMPACT
circuits
combine
the
latest
AdvancedLow-Power Schottky technology with
proven titanium-tungsten fuses to provide reliable,
high-performance substitutes for conventional
TTL logic. Their easy programmability allows forquick design of custom functions and typically results in a more
compact circuit board. In addition, chip carriers are available for futher reduction in board space.
All of the register outputs are set to a low level during power-up. Extra circuitry has been provided to allow loading
of each register asynchronously to either a high or low state. This feature simplifies testing because the registers
can be set to an initial state prior to executing the test sequence.
The TIBPAL20’ C series is characterized from 0
°C to 75°C.
These devices are covered by U.S. Patent 4,410,987
IMPACT is a trademark of Texas Instruments Incorporated.
PAL is a registered trademark of Advanced Micro Devices Inc.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
I
I
I
I
I
I
I
I
I
I
I
GND
VCC
I
O
I/O
I/O
I/O
I/O
I/O
I/O
O
I
I
TIBPAL20L8’
JT OR NT PACKAGE
(TOP VIEW)
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
I/O
I/O
I/O
NC
I/O
I/O
I/O
I
I
I
NC
I
I
I
426
14 15 16 17 18
TIBPAL20L8’
FN PACKAGE
(TOP VIEW)
NC
No internal connection
Pin assignments in operating mode


Similar Part No. - TIBPAL20R6-25C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIBPAL20R6-25C TOSHIBA-TIBPAL20R6-25C Datasheet
424Kb / 8P
   MOS DIGITAL INTERGRATED CIRCUIT SILICON GATE CMOS
logo
Texas Instruments
TIBPAL20R6-25C TI-TIBPAL20R6-25C Datasheet
184Kb / 17P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT PAL CIRCUITS
More results

Similar Description - TIBPAL20R6-25C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-25C TI-TIBPAL16L8-25C Datasheet
287Kb / 19P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com