Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPU100-S360028 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HPU100-S360028
Description  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 100 WATTS SWITCHING MODE POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HPU100-S360028 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HPU100-S360028 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HPU100-S360028 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-51-
H HiTRON
UNIVERSAL AC INPUT HARMONIC CORRECTION
AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT
100 WATTS SWITCHING MODE POWER SUPPLIES HPU100 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
MEET IEC 61000-3-2 HARMONIC CORRECTION
MEET UNIVERSAL SAFETY STANDARDS
19” COMPATIBLE EUROCARD FORMAT
EMI MEET EN 55022 & FCC CLASS B
CE MARKING COMPLIANCE
3U X 10HP X 160MM VMEbus STANDARD
GENERAL SPECIFICATION
Efficiency: Typ. 73-76%.
Switching Frequency: Fixed frequency 83K Hz.
Circuit Topology: Fixed frequency forward circuit.
Transient Response: Output voltage returns
in less than 3mS following
a 25% load change.
Safety Standard: IEC 60950-1/UL 60950-1 Class I.
Power Density: 2.0 Watt / Cubic Inch.
Operating Temperature: 0 to +50°C full load. Derates
from +50 to +70°C by derating 2%/°C.
Storage Temperature: -25 to +85°C.
Temperature Coefficient: Typ. 0.04% /°C.
Cooling: Forced air flow is recommended for Ta > +50°C
full load operation.
Construction format: 10HP(TE) X3UX160mm VMEbus
standard Eurocard format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Input Connector: DIN 41612 at rear.
Input Frequency: 47-63Hz.
Inrush Current: Typ. <30.6A @ 230Vac.
Input Current: 1.0A @ 115Vac, 0.5A @ 230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet EN 55022 & FCC B.
Power Factor Correction: Meet Harmonic Correction
IEC 61000-3-2 .PF typ. 0.97-0.98.
Power Indicator: Green LED.
Power OK Signal: Installed.
Logic Inhibit: Installed.
Hold-up Time: 20mS @ 115Vac & 230Vac.
Earth Leakage: Less than 0.40mA @ 230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: DIN 41612 at rear.
Line Regulation: Typ. 0.5%.
Load Regulation: Main VO1 typ. ±1-2.0%.
Aux.VO2 typ. ±2.0% (Mag. Amp.)
Aux.VO3 typ. ±3.0% (PR).
Noise & Ripple: Typ. 1% peak to peak.
OVP: Built-in at main VO1.
Adjustability: Available at VO1 & VO2.
Overload Protection (OLP): Fully protected against
output overload and short circuit.
Consult the factory for OLP setting.
In application


Similar Part No. - HPU100-S360028

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HPU100-S360028 TOTAL-POWER-HPU100-S360028 Datasheet
324Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19 COMPATIBLE EUROCARD 100 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HPU100 SERIES
logo
RSG Electronic Componen...
HPU100-S360028 RSG-HPU100-S360028 Datasheet
223Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com