Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVI06 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HVI06
Description  UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 6-8 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI06 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HVI06 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI06 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-1-
H HiTRON
UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT
6-8 WATTS INTERNAL SWITCHING POWER SUPPLIES HVI06 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
COMPACT PCB OPEN FRAME FORMAT
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typ. 65%.
Switching Frequency: Typ. 55K Hz at 115Vac.
Circuit Topology: Free Running Flyback Circuit.
Transient Response: Output voltage returns in
less than 3mS following a 25% load change.
Safety standard: IEC950/UL1950 Class II.
Operating Temperature: 0 to +50°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04% /°C.
Cooling: Free air convection.
Construction: PCB open frame format.
Power Density: 0.85 Watts / Cubic Inch.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range Typ. 90-264Vac.
Rating 100 to 240Vac.
Input Connector: Molex 5045 (vertical).
Input Frequency: 47-63Hz.
Inrush Current: ≤30.6A @230Vac.
Input Current: Typ.0.16A @115Vac, 0.08A @ 230Vac.
Dielectric Withstand: Meet IEC950.
EMI: Meet CISPR PUB.22 & FCC Class B.
Hold-up Time: Typ. 20mS @115Vac, 40mS @230Vac.
Earth leakage: Typ. 0.2mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 6-8 watts.
Output Connector: Molex 5045 (vertical).
Line Regulation: Typ. 0.1%.
Load Regulation: Main VO1 typ. ±1-2.0%.
Aux. VO2 & VO3 typ. ±2% (P.R.).
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at all output VO1,VO2 & VO3.
Adjustability: Available at main output VO1.
Overload Protection (OLP): Fully protected against output
overload and short circuit.
Consult the factory for OLP setting.
In application


Similar Part No. - HVI06

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
HVI030 STEGO-HVI030 Datasheet
265Kb / 1P
   SPACE-SAVING FAN HEATER
19.03.2019
HVI030 STEGO-HVI030_V01 Datasheet
276Kb / 1P
   SPACE-SAVING FAN HEATER WITH FAN
19.03.2019
logo
HITRON ELECTRONICS CORP...
HVI08 HITRON-HVI08 Datasheet
106Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME DUAL OUTPUT 8 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI08-D033E HITRON-HVI08-D033E Datasheet
106Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME DUAL OUTPUT 8 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI08-D033I HITRON-HVI08-D033I Datasheet
106Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME DUAL OUTPUT 8 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HVI06

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI17 HITRON-HVI17 Datasheet
301Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 17-18 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI08 HITRON-HVI08 Datasheet
106Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME DUAL OUTPUT 8 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI63 HITRON-HVI63 Datasheet
218Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI43 HITRON-HVI43 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI12 HITRON-HVI12 Datasheet
305Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI14 HITRON-HVI14 Datasheet
339Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME QUAD OUTPUT 14 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10.5 HITRON-HVI10.5 Datasheet
289Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME DUAL OUTPUT 10.5 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI65 HITRON-HVI65 Datasheet
328Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVI17 TOTAL-POWER-TPVI17 Datasheet
304Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 17-18 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI17 SERIES
logo
HITRON ELECTRONICS CORP...
HVI20 HITRON-HVI20 Datasheet
278Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 10-25 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com