Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVI63 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVI63
Description  UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI63 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVI63 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI63 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-22-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 121g (4.27 Oz.)
SINGLE OUTPUT
MAIN VO1 ★
MODEL NO.
Min. Typ.
Volt.
Max.
Peak
HVI63-S033100 0.2A 10.00A
3.3V 10.00A 12.0A
HVI63-S050100 0.2A 10.00A
5.0V 10.00A 12.0A
HVI63-S120050 0.0A 5.00A 12.0V
5.00A
6.0A
HVI63-S150040 0.0A 4.00A 15.0V
4.00A
5.0A
HVI63-S240025 0.0A 2.50A 24.0V
2.50A
3.0A
HVI63-S480125 0.0A 1.25A 48.0V
1.25A
1.3A
TRIPLE OUTPUT
MAIN +VO1 ★
AUX. +VO2 ■
AUX. -VO3 ■
MODEL NO.
Min.
Typ.
Volt.
Max.
Peak
Min.
Typ.
Volt.
Max.
Peak
Min.
Typ.
Volt. Max. Peak
HVI63-T050II
0.5A
6.0A +5.0V
8A
10A
0.1A
2.2A +12V 3.0A
4A
0A
0.5A -12V 0.5A
1A
HVI63-T050MI
0.5A
6.0A +5.0V
8A
10A
0.1A
1.1A +24V 1.5A
2A
0A
0.5A -12V 0.5A
1A
HVI63-T050KK
0.5A
6.0A +5.0V
8A
10A
0.1A
1.8A +15V 2.5A
3A
0A
0.5A -15V 0.5A
1A
HVI63-T033EI
0.5A
8.0A +3.3V
8A
10A
0.1A
3.0A
+ 5V
3.0A
4A
0A
0.5A -12V 0.5A
1A
Symbol: "★" OVP built-in. "■" Couple common choke.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
TRIPLE OUTPUT
ASSIGNMENT
AC-L
AC-N
AC-G
VO1
DC COM
VO1
VO2
VO3
DC COM
CNTR/PIN#
P1-L
P1-N
G
P2-1,2
P2-3,4
P2-1,2
P2-6
P2-5
P2-3,4
Mating connector: P1,2 Molex # 5195 or 5239 series.
SINGLE OUTPUT
TRIPLE OUTPUT


Similar Part No. - HVI63

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI65 HITRON-HVI65 Datasheet
328Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES
HVI65-30 HITRON-HVI65-30 Datasheet
328Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES
HVI65-31 HITRON-HVI65-31 Datasheet
328Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES
HVI65-32 HITRON-HVI65-32 Datasheet
328Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES
HVI65-33 HITRON-HVI65-33 Datasheet
328Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 65 WATT INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HVI63

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPVI-63 TOTAL-POWER-TPVI-63 Datasheet
276Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI63 SERIES
logo
HITRON ELECTRONICS CORP...
HVI43 HITRON-HVI43 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI63 HITRON-HMI63 Datasheet
144Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI17 HITRON-HVI17 Datasheet
301Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 17-18 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI12 HITRON-HVI12 Datasheet
305Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI102 HITRON-HVI102 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI72 HITRON-HVI72 Datasheet
410Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI06 HITRON-HVI06 Datasheet
574Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME TRIPLE OUTPUT 6-8 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI08 HITRON-HVI08 Datasheet
106Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME DUAL OUTPUT 8 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com