Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVI50-19N Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVI50-19N
Description  UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI50-19N Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVI50-19N Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI50-19N Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-18-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: Box 400.0g (14.1 Oz.)
L-B 332.0g (11.7 Oz.)
Enclosure Box Format (with cover)
MAIN O/P VO1 @
MODEL NO.
Typ.
Volt.
Peak
HVI50-10N
8.0A
5.0V
11.0A
HVI50-11N
4.2A
12.0V
4.5A
HVI50-12N
3.4A
15.0V
4.0A
HVI50-13N
2.1A
24.0V
2.5A
HVI50-14N
1.6A
32.0V
1.8A
HVI50-16N
1.1A
48.0V
1.2A
HVI50-19N
10.0A
3.3V
15.0A
SINGLE OUTPUT
L-bracket Format (without cover)
MAIN O/P VO1 @
MODEL NO.
Typ.
Volt.
Peak
HVI50-10N
10.0A
5.0V
11.0A
HVI50-11N
4.2A
12.0V
4.5A
HVI50-12N
3.4A
15.0V
4.0A
HVI50-13N
2.2A
24.0V
2.5A
HVI50-14N
1.7A
32.0V
1.8A
HVI50-16N
1.2A
48.0V
1.3A
HVI50-19N
13.0A
3.3V
15.0A
Symbol: " " OVP built-in. "@" Adjustable.
Remark: Peak output less than 60 seconds.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
ASSIGNMENT
AC-LINE
AC-NEUTRAL
AC-GROUND
VO1
DC COM
B-S CONNECTOR & PIN#
P1-5
P1-4
P1-3
P1-1
P1-2
V-M CONNECTOR & PIN#
P3-L
P3-N
P3-G
P2-1,2
P2-3,4
M-T CONNECTOR & PIN#
P3-L
P3-N
P3-G
P2-1
P2-2
Mating connector: Molex 5195 or 5239 series.


Similar Part No. - HVI50-19N

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI51 HITRON-HVI51 Datasheet
313Kb / 2P
   UNIVERSAL INPUT AC-DC MULTI-OUTPUT 51 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI51-20 HITRON-HVI51-20 Datasheet
313Kb / 2P
   UNIVERSAL INPUT AC-DC MULTI-OUTPUT 51 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI51-21 HITRON-HVI51-21 Datasheet
313Kb / 2P
   UNIVERSAL INPUT AC-DC MULTI-OUTPUT 51 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI51-21n HITRON-HVI51-21n Datasheet
313Kb / 2P
   UNIVERSAL INPUT AC-DC MULTI-OUTPUT 51 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI51-22 HITRON-HVI51-22 Datasheet
313Kb / 2P
   UNIVERSAL INPUT AC-DC MULTI-OUTPUT 51 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HVI50-19N

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI48 HITRON-HVI48 Datasheet
315Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI12 HITRON-HVI12 Datasheet
305Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI102 HITRON-HVI102 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI63 HITRON-HVI63 Datasheet
218Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI72 HITRON-HVI72 Datasheet
410Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI41 HITRON-HVI41 Datasheet
350Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI43 HITRON-HVI43 Datasheet
379Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI08 HITRON-HVI08 Datasheet
106Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME DUAL OUTPUT 8 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI19 HITRON-HVI19 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI20 HITRON-HVI20 Datasheet
278Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 10-25 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com