Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSU60-12 Datasheet(PDF) 3 Page - HITRON ELECTRONICS CORPORTION

Part # HSU60-12
Description  DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HSU60-12 Datasheet(HTML) 3 Page - HITRON ELECTRONICS CORPORTION

  HSU60-12 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HSU60-12 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HSU60-12 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HSU60-12 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
-47-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
HSU60 Series
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HSU60 707.0g (24.94 Oz.)
SINGLE OUTPUT
MAIN VO1
@#
MODEL NO.
Typ.
Volt.
HSU60-10
12.0A
5.0V
HSU60-10B1
10.0A
6.0V
HSU60-11
5.0A
12.0V
HSU60-12
4.0A
15.0V
HSU60-13
2.5A
24.0V
HSU60-15
3.0A
19.0V
DUAL OUTPUT
MAIN VO1
@#
AUX. VO2 ◇▲
MODEL NO.
Typ.
Volt.
Typ.
Volt.
HSU60-20
5.0A
5.0V
3.0A
12.0V
HSU60-21
2.5A
12.0V
2.5A
12.0V
HSU60-22
5.0A
5.0V
2.5A
15.0V
HSU60-23
2.0A
15.0V
2.0A
15.0V
HSU60-24
5.0A
5.0V
1.5A
24.0V
HSU60-25
1.4A
24.0V
1.4A
24.0V
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT
SINGLE/DUAL/TRIPLE OUTPUT
ASSORTED SIGNAL
ASSIGNMENT AC-L AC-N AC-G +VO1
-VO1
+VO2
-VO2
+VO3
-VO3
NC
LOG.
INH.
+S
-S
POWER
FAIL
HSU60-1X
28
30
32
4,6
12,14
-
-
-
-
16,18,24,26
20
8
10
22
HSU60-2X
28
30
32
4
6
8
10
-
-
12,14,16,18,24,26
20
-
-
22
HSU60-3X
28
30
32
4,6,
8,10
12
14
16
18
24,26
20
-
-
22
Mating connector: DIN41612-H15 Female
TRIPLE OUTPUT
MAIN VO1
@#
AUX. VO2 ◇▲
AUX. VO3 ◇●
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HSU60-30
5.0A
5.0V
2.5A
12.0V
1.0A
5.0V
HSU60-31
5.0A
5.0V
2.0A
12.0V
0.5A
15.0V
HSU60-32
5.0A
5.0V
2.5A
12.0V
0.5A
12.0V
HSU60-33
5.0A
5.0V
1.5A
24.0V
0.5A
12.0V
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing. "▲" Magnetic Amplifier.
"●" Installed with Post Regulator. "◇" Floating(or isolated) output.
HSU605


Similar Part No. - HSU60-12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HSU60-12 TOTAL-POWER-HSU60-12 Datasheet
321Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com