Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVI19-23L-B Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVI19-23L-B
Description  UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI19-23L-B Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVI19-23L-B Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI19-23L-B Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-8-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
TRIPLE OUTPUT
MAIN VO1 @
AUX. VO2 †
AUX. VO3
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
HVI19-30
2.2A
+5V
3.0A
0.5A
+12V
1.0A
0.2A
-12V
0.5A
HVI19-30(L-B)
3.0A
+5V
4.0A
0.5A
+12V
1.0A
0.4A
-12V
0.8A
HVI19-31
2.0A
+5V
3.0A
0.5A
+12V
1.0A
0.2A
-5V
0.5A
HVI19-31(L-B)
3.0A
+5V
4.0A
0.7A
+12V
1.5A
0.3A
-5V
0.6A
HVI19-32
2.0A
+5V
3.0A
0.3A
+24V
0.5A
0.2A
-12V
0.5A
HVI19-32(L-B)
3.0A
+5V
4.0A
0.3A
+24V
0.5A
0.3A
-12V
0.6A
HVI19-33
2.0A
+5V
3.0A
0.3A
+15V
0.6A
0.2A
-15V
0.5A
HVI19-33(L-B)
3.0A
+5V
4.0A
0.4A
+15V
0.8A
0.3A
-15V
0.6A
Symbol: " " OVP built-in. "@" Adjustable. "†" Stacked on main O/P. " " Installed with Post Regulator (P.R.).
Remark: (1) At least 20% of typical main output current is required to maintain stated regulation.
(2) Max. current can't be drawn from all output at the same time.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: PCB 148.0g(5.2 Oz.)
L-B 223.0g(7.9 Oz.)
SINGLE OUTPUT
MAIN VO1 @
MODEL NO.
Typ.
Volt.
Max.
HVI19-10
4.0A
5V
5.0A
HVI19-10(L-B)
4.6A
5V
5.0A
HVI19-11
1.5A
12V
1.5A
HVI19-11(L-B)
2.0A
12V
2.5A
HVI19-12
1.2A
15V
1.3A
HVI19-12(L-B)
1.6A
15V
1.7A
HVI19-13
0.8A
24V
1.0A
HVI19-13(L-B)
1.0A
24V
1.2A
DUAL OUTPUT
MAIN VO1 @
AUX. +VO2 †or -VO3
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
HVI19-20
3.0A
+5V
4.0A
0.20A
-5V
1.0A
HVI19-20(L-B)
4.0A
+5V
5.0A
0.50A
-5V
1.0A
HVI19-21
2.6A
+5V
3.0A
0.50A
±12V
1.0A
HVI19-21(L-B)
4.0A
+5V
5.0A
0.50A
±12V
1.0A
HVI19-22
2.6A
+5V
3.0A
0.40A
±15V
0.8A
HVI19-22(L-B)
4.0A
+5V
5.0A
0.40A
±15V
0.8A
HVI19-23
2.6A
+5V
3.0A
0.25A
+24V
0.5A
HVI19-23(L-B)
4.0A
+5V
5.0A
0.25A
+24V
0.5A
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE
SINGLE/DUAL/TRIPLE OUTPUT
ASSIGNMENT
AC-L AC-N AC-G
VO1
DC COM
VO1
VO2
VO3
DC COM
CONNECTOR or PIN#
P1-L
P1-N
P1-G
P2-3,4
P2-1,2
P2-2
P2-3
P2-4
P2-1
Mating connector: P1 Molex 5195 or 5239 series.
P2 Molex 5195, 5239 or 3069 series.
PCB FORMAT
L-B FORMAT


Similar Part No. - HVI19-23L-B

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI10 HITRON-HVI10 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10-10 HITRON-HVI10-10 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10-11 HITRON-HVI10-11 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10-12 HITRON-HVI10-12 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10-13 HITRON-HVI10-13 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HVI19-23L-B

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HMI19 HITRON-HMI19 Datasheet
208Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI72 HITRON-HVI72 Datasheet
410Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI102 HITRON-HVI102 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI48 HITRON-HVI48 Datasheet
315Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI100 HITRON-HMI100 Datasheet
104Kb / 3P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI41 HITRON-HVI41 Datasheet
350Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP105 HITRON-HVP105 Datasheet
370Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com