Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29625 Datasheet(PDF) 4 Page - Mallory performance club

Part # 29625
Description  IGNITION COILS AND MARK II IGNITION COILS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

29625 Datasheet(HTML) 4 Page - Mallory performance club

  29625 Datasheet HTML 1Page - Mallory performance club 29625 Datasheet HTML 2Page - Mallory performance club 29625 Datasheet HTML 3Page - Mallory performance club 29625 Datasheet HTML 4Page - Mallory performance club 29625 Datasheet HTML 5Page - Mallory performance club 29625 Datasheet HTML 6Page - Mallory performance club 29625 Datasheet HTML 7Page - Mallory performance club 29625 Datasheet HTML 8Page - Mallory performance club 29625 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FIGURES 6 AND 7: DO NOT USE THE IGNITION BALLAST RESISTOR SUPPLIED WITH THE PROMASTER COIL WITH THIS IGNITION SYSTEM.
TACHOMETER/RPM
SENSING LEAD–CONNECT
THE TACH LEAD TO THE
COIL (–) TERMINAL.
12V/IGNITION SWITCH
(ORIGINALLY CONNECTED TO THE
COIL/DISTRIBUTOR CAP)
DISTRIBUTOR PLUG
(ORIGINALLY CONNECTED TO
THE COIL/DISTRIBUTOR CAP)
CENTER WIRE
(BLACK)
NOT USED
GREEN
RED
BLACK
BROWN
MALLORY 8MM SUPPRESSION WIRE
DELCO HEI DISTRIBUTOR
WITH MALLORY HEI REMOTE COIL
ADAPTER INSTALLED
MALLORY ADAPTER/HARNESS PART NO. 29042 WITH
GREEN AND RED WIRES
MALLORY 8MM SUPPRESSION WIRE
PINK OR
RED
MALLORY 8MM SUPPRESSION WIRE
DELCO HEI - INTERNAL COIL
USE MALLORY HEI REMOTE
COIL ADAPTER AND MALLORY
ADAPTER PART NO. 29042
TO INTERCHANGE A
PROMASTER COIL
WITHOUT CUTTING WIRES.
+
MALLORY
ADAPTER
PART NO.
29062 WITH
BLACK,
YELLOW AND
BROWN
WIRES ARE
NOT USED-
DISCARD
BAT PLUG
NOTE: DO NOT USE
IGNITION BALLAST
RESISTOR SUPPLIED
WITH PROMASTER
COIL WITH THIS
IGNITION SYSTEM.
®
+
TO THE DISTRIBUTOR CAP
SUPPRESSION WIRE
MALLORY ADAPTER PART NO. 29068 WITH
GREEN AND RED WIRES.
TO BOTH OF THE
FACTORY HARNESS
PLUGS
(ORIGINALLY
CONNECTED
TO THE COIL)
RED WIRE
GREEN WIRE
MALLORY
ADAPTER
PART NO.
29068 WITH
BLACK AND
YELLOW
WIRES ARE
NOT USED-
DISCARD.
+
TO THE DISTRIBUTOR CAP
SUPPRESSION WIRE
MALLORY ADAPTER PART NO. 29062 WITH
GREEN AND RED WIRES.
TO THE FACTORY
HARNESS PLUG
(ORIGINALLY
CONNECTED
TO THE COIL)
RED WIRE
GREEN WIRE
MALLORY
ADAPTER
PART NO.
29062 WITH
BLACK AND
YELLOW
WIRES ARE
NOT USED-
DISCARD.
FORD TFI SYSTEMS AND MALLORY
ADAPTER PART NO. 29062 TO
INTERCHANGE A PROMASTER COIL
WITHOUT CUTTING WIRES.
®
DELCO HEI - EXTERNAL COIL AND
MALLORY ADAPTER PART NO. 29068 TO
INTERCHANGE A PROMASTER COIL
WITHOUT CUTTING WIRES.
®
®
®
®
NOTE: FIGURES 6, 7 AND 8, IF YOUR
VEHICLE IS EQUIPPED WITH A HYFIRE
ELECTRONIC IGNITION CONTROL OR
SIMILAR AFTERMARKET IGNITION CONTROL,
USE WIRING PROCEDURES AS STATED IN THE
INSTRUCTIONS FOR THE PARTICULAR
IGNITION CONTROL.
MALLORY IS A DIVISION OF THE MR. GASKET PERFORMANCE GROUP
550 MALLORY WAY, CARSON CITY, NV 89701
(775) 882-6600
FAX (775) 887-4326
www.mrgasket.com
FORM 1064
REV. B (9/99)
MADE IN USA
PRINTED IN USA


Similar Part No. - 29625

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2962502 PHOENIX-2962502 Datasheet
144Kb / 4P
   UM 45-FLK50/LA/PLC
More results

Similar Description - 29625

ManufacturerPart #DatasheetDescription
logo
VACUUMSCHMELZE GmbH & C...
T60403-D4721-X007 VACUUMSCHMELZE-T60403-D4721-X007 Datasheet
40Kb / 2P
   Ignition Transformer
logo
Pulse A Technitrol Comp...
125-0028.0 PULSE-125-0028.0 Datasheet
147Kb / 4P
   IGNITION TRANSFORMERS
logo
Cherry Semiconductor Co...
CS290 CHERRY-CS290 Datasheet
110Kb / 4P
   Ignition Controller
logo
VACUUMSCHMELZE GmbH & C...
T60403-D4721-X006 VACUUMSCHMELZE-T60403-D4721-X006 Datasheet
33Kb / 2P
   Ignition Transformer
T60403-D4721-X012 VACUUMSCHMELZE-T60403-D4721-X012 Datasheet
85Kb / 1P
   Ignition Transformer
logo
Motorola, Inc
MC33094 MOTOROLA-MC33094 Datasheet
352Kb / 16P
   IGNITION CONTROL
logo
ON Semiconductor
NGB8202N ONSEMI-NGB8202N_06 Datasheet
144Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 5
logo
Mallory performance clu...
585 MALLORY-585 Datasheet
691Kb / 12P
   IGNITION CONTROL
605_609 MALLORY-605_609 Datasheet
65Kb / 3P
   IGNITION MODULE
logo
VACUUMSCHMELZE GmbH & C...
T60403-D4721-X048 VACUUMSCHMELZE-T60403-D4721-X048 Datasheet
93Kb / 1P
   Ignition Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com