Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVP180-290 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVP180-290
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP180-290 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVP180-290 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP180-290 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-60-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 940.0g (33.1 Oz.)
DUAL OUTPUT
MAIN VO1 @★#⊙
AUX. VO2 ■⊙†
MODEL NO.
Typ.
Volt.
Typ.
Volt.
HVP180-21
25.0A
+5.0V
5.0A
+12.0V
HVP180-22
25.0A
+5.0V
4.0A
+15.0V
HVP180-23
25.0A
+5.0V
3.0A
+24.0V
HVP180-290
25.0A
+3.3V
10.0A
+5.0V
HVP180-291
25.0A
+3.3V
5.0A
+12.0V
HVP180-292
25.0A
+3.3V
4.0A
+15.0V
HVP180-293
25.0A
+3.3V
3.0A
+24.0V
Symbol: "★" OVP built-in. "@" Adjustable. "†" Stacked on main O/P.
"■" Couple Filter Choke. "⊙" With Or-ing diode. "#" Remote sensing.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
DUAL OUTPUT
ASSORTED SIGNALS
ASSIGNMENT AC-L AC-N AC-G
VO1
VO2
DC-COM
PFS
+VO1 #
-VO1 #
FAN (-)
FAN (+)
CNTR & PIN # P1-5. P1-3. P1-1. P2-11,12,13,14,15 P2-2 P2-3,4,5,6,7,8 P2-1
P2-9
P2-10
P3-1,P4-1
P3-2,P4-2
Mating connecter: P1: AMP 640426-5 or Molex 5239-5A.
P2: AMP 640427-0 or Molex 5239-10A, 5195-10A.
P3 & P4: AMP 640440-2 or Molex 2695-2A.


Similar Part No. - HVP180-290

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HVP18 LRC-HVP18 Datasheet
201Kb / 4P
   Controlled avalanche characteristic combined Low forward voltage drop
More results

Similar Description - HVP180-290

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP150 HITRON-HVP150 Datasheet
380Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & DUAL OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP105 HITRON-HVP105 Datasheet
370Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIRP200 HITRON-HIRP200 Datasheet
117Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION RESONANT AC-DC OPEN FRAME TRIPLE OUTPUT 200 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP103 TOTAL-POWER-TPVP103 Datasheet
781Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
TPVP-103 TOTAL-POWER-TPVP-103 Datasheet
787Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com