Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61006M Datasheet(PDF) 3 Page - Mallory performance club

Part # 61006M
Description  cylinder point distributors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

61006M Datasheet(HTML) 3 Page - Mallory performance club

  61006M Datasheet HTML 1Page - Mallory performance club 61006M Datasheet HTML 2Page - Mallory performance club 61006M Datasheet HTML 3Page - Mallory performance club 61006M Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
COIL
+
+
COIL
3
MALLORY TECHNICAL SUPPORT
(216)688-8300
www.mrgasket.com
EQUIPPED WITH LOOM RESISTANCE WIRE
FIGURE 5
12V/Ignition
Switch
12V/Ignition
Switch
Distributor Wire Harness
Part No. 29349
Ignition Ballast
Resistor
All other wires originally connected
to the coil (+) terminal
Ignition Module
Female Connector
Engine
Ground
Engine
Ground
Brown
Green
Red
Brown
Green
All other wires originally connected
to the coil (+) terminal
Loom Resistance
Wire
Red
Distributor Wire Harness
Part No. 29349
Ignition Module
Female Connector
FIGURE 6
NOTE: The purpose of loom resistance
wire between the ignition switch (12V) and
the ignition coil positive terminal is to
restrict current flow through the ignition
coil. Failure to use an ignition ballast
resistor will eventually destroy the Ignition
Module.
EXCEPTION: If your vehicle is equipped
with a HYFIRE
® Electronic Ignition Control
or similar aftermarket ignition control, use
the wiring procedures stated in the instruc-
tions included with the ignition control.
To prevent false triggering and possible
premature ignition failure, you must use
suppression type (carbon core, spiral
core, or radio suppression core) spark
plug wire.
DO NOT USE SOLID CORE (COPPER
CORE OR STAINLESS STEEL CORE)
SPARK PLUG WIRE WITH ANY
ELECTRONIC IGNITION SYSTEM.
NOTE: The purpose of an ignition ballast
resistor between the ignition switch (12V)
and the ignition coil positive terminal is to
restrict current flow through the ignition
coil. Failure to use an ignition ballast
resistor will eventually destroy the Ignition
Module.
EXCEPTION: If your vehicle is equipped
with a HYFIRE
® Electronic Ignition Control
or similar aftermarket ignition control, use
the wiring procedures stated in the instructions
included with the ignition control.
To prevent false triggering and possible
premature ignition failure, you must use
suppression type (carbon core, spiral
core, or radio suppression core) spark
plug wire.
DO NOT USE SOLID CORE (COPPER
CORE OR STAINLESS STEEL CORE)
SPARK PLUG WIRE WITH ANY
ELECTRONIC IGNITION SYSTEM.
EQUIPPED WITH EXTERNAL BALLAST RESISTOR


Similar Part No. - 61006M

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61006021121 WURTH-61006021121 Datasheet
763Kb / 2P
   2.54MM DUAL SMT PIN HEADER
6100621121 WURTH-6100621121 Datasheet
763Kb / 2P
   2.54MM DUAL SMT PIN HEADER
61006221121 WURTH-61006221121 Datasheet
763Kb / 2P
   2.54MM DUAL SMT PIN HEADER
61006421121 WURTH-61006421121 Datasheet
763Kb / 2P
   2.54MM DUAL SMT PIN HEADER
61006621121 WURTH-61006621121 Datasheet
763Kb / 2P
   2.54MM DUAL SMT PIN HEADER
More results

Similar Description - 61006M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
617DS-1676 TOKO-617DS-1676 Datasheet
246Kb / 1P
   Distributors
logo
Festo Corporation.
8114037 FESTO-8114037 Datasheet
85Kb / 2P
   Distributors
11/29/22
8114038 FESTO-8114038 Datasheet
85Kb / 2P
   Distributors
11/29/22
logo
Mallory performance clu...
75SERIES MALLORY-75SERIES Datasheet
256Kb / 8P
   BILLET HEI DISTRIBUTORS
PN8598 MALLORY-PN8598 Datasheet
345Kb / 8P
   MSD Ford Billet Distributors
PN8473 MALLORY-PN8473 Datasheet
275Kb / 8P
   MSD Ford Billet Distributors
logo
PHOENIX CONTACT
3029318 PHOENIX-3029318 Datasheet
53Kb / 3P
   Marshalling distributors - ZRV 8 BU
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com