Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVP149-31 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HVP149-31
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP149-31 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HVP149-31 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP149-31 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-51-
H HiTRON
UNIVERSAL INPUT HARMONIC CORRECTION
AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS
INTERNAL SWITCHING POWER SUPPLIES HVP149 SERIES
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: B-S, V-M (Molex 5273),
X-M (Molex 5268) connectors.
Output Wattage: Typ. 150W with 30 cfm forced
air cooling.
Line Regulation: Typ. 0.1%.
Load Regulation: Main VO1 & Aux. VO2 typ. ±1-1.5%.
Main VO3 & Aux. VO4 typ. ± 5.0%.
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Installed in VO1, VO2 & VO3 (Latch).
Remote Sensing: Installed in O/P VO1 & VO2.
Adjustability: Available at VO1, VO2 and VO3.
Load Sharing: Active current sharing circuit available at
VO1 & VO2 rail.
Overload Protection (OLP): Fully protected against
output overload and short circuit.
Consult the factory for the OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Input Connector: V-M (Molex 5273) connector.
Input Frequency: 47-63Hz.
Inrush Current: Typ. ≤ 30.6A@230Vac.
Input Current: 2.0A @115Vac, 0.96A @230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class B.
Hold-up Time: Typ. 20mS @115Vac & 230Vac.
Power Fail Signal: Installed.
DC OK Signal: Installed in two main outputs.
Remote Inhibit: Installed. Enable active low.
Power Factor & Harmonic Correction:
Meet IEC 61000-3-2, PF typ.0.99@ full load.
Over Temperature Protection: By thermostat.
Earth Leakage: Less than 0.75mA.
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
MEET IEC 61000-3-2 HARMONIC CORRECTION
DUAL CONVERTER ARCHITECTURE
+5V STAND-BY GREEN POWER
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typ. 70-73.7%.
Switching Frequency: Fixed frequency at 70K Hz.
Circuit Topology: Dual converter architecture.
1st, forward circuit for VO1 & VO2 rails.
2nd, fixed-frequency flyback circuit for VO3 & VO4 rails.
Transient Response: Output voltage returns in less
than 1mS following a 25% load change.
Safety Standard: UL 60950-1/EN 60950-1 Class I.
Power Density: 3.0 Watts / Cubic Inch.
Operating Temperature: 0 to +50°C under forced air
cooling for half load.
Storage Temperature: -55 to +85°C.
Temperature Coefficient: 0 to +70°C (after 15 minutes
warm-up) typ. ±0.02-0.05%/°C.
Cooling: 25-30 cfm airflow is required to deliver the full
power. 150W.
Construction: U-bracket construction format.
Industrial Grade.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
For the details of safety approval, please consult the factory.


Similar Part No. - HVP149-31

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVP14 RECTRON-HVP14 Datasheet
23Kb / 2P
   HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes)
logo
Leshan Radio Company
HVP14 LRC-HVP14 Datasheet
51Kb / 2P
   HIGH-VOLTAGE DIODES
logo
MIC GROUP RECTIFIERS
HVP14 MIC-HVP14 Datasheet
114Kb / 1P
   HIGH VOLTAGE RECTIFIER
logo
GETAI ELECTRONICS DEVIC...
HVP14 GETEDZ-HVP14 Datasheet
159Kb / 1P
   14kV 750mA HIGH VOLTAGE DIODES
More results

Similar Description - HVP149-31

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP150 HITRON-HVP150 Datasheet
380Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & DUAL OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP105 HITRON-HVP105 Datasheet
370Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP-149 TOTAL-POWER-TPVP-149 Datasheet
400Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS
logo
HITRON ELECTRONICS CORP...
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIMP151 HITRON-HIMP151 Datasheet
250Kb / 3P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC MEDICAL AND IEC APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP180 HITRON-HVP180 Datasheet
547Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP103 TOTAL-POWER-TPVP103 Datasheet
781Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com