Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVP100-394 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HVP100-394
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP100-394 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HVP100-394 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP100-394 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-43-
H HiTRON
UNIVERSAL INPUT HARMONIC CORRECTION
AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS
INTERNAL SWITCHING POWER SUPPLIES HVP100 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
MEET IEC 61000-3-2 HARMONIC CORRECTION
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 CLASS B
CE MARKING COMPLIANCE
For the details of safety approval, please consult the factory.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: B-S connector.
Output Wattage: Typ. 100 Watts.
Line Regulation: Typ. 1.0%.
Load Regulation: Main VO1 typ. ±1.0%.
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main VO1 only.
Remote Sense: Installed in VO1.
Adjustability: Available at main O/P VO1.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Input Connector: B-S connector.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 20A @230Vac (active).
Input Current: 1.6A@115Vac, 0.6A@230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 Class B.
Hold-up Time: Typ. 30mS @ 115Vac & 230Vac.
Power Fail Signal: Installed.
Power Factor Correction: Meet Harmonic Correction
per IEC 61000-3-2.PF typ. 0.98.
Earth Leakage: Less than 0.5mA.
GENERAL SPECIFICATION
Efficiency: Typ. 74-79%.
Switching Frequency: Fixed frequency at 85 or 80K Hz.
Circuit Topology: PWM fixed frequency forward circuit.
Transient Response: Output voltage returns in
less than 3mS following
a 25% load change.
Safety Standard: UL 60950-1/EN 60950-1 Class I.
Operating Temperature: 0 to +50°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04% /°C.
Cooling: Free air convection.
Recommended 20cfm fan cooling for full load.
Construction: Enclosure box or L-bracket format.
Power Density: 2.16Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.


Similar Part No. - HVP100-394

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
HVP1007057FB AAC-HVP1007057FB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
HVP1007057GB AAC-HVP1007057GB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
HVP1007057JB AAC-HVP1007057JB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
HVP1007057KB AAC-HVP1007057KB Datasheet
105Kb / 1P
   Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
More results

Similar Description - HVP100-394

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP105 HITRON-HVP105 Datasheet
370Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP103 TOTAL-POWER-TPVP103 Datasheet
781Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
TPVP-103 TOTAL-POWER-TPVP-103 Datasheet
787Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
logo
HITRON ELECTRONICS CORP...
HVP150 HITRON-HVP150 Datasheet
380Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & DUAL OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP180 HITRON-HVP180 Datasheet
547Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
HVP101 TOTAL-POWER-HVP101 Datasheet
435Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTIPLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES HVP101 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com