Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVP105-394 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVP105-394
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP105-394 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVP105-394 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP105-394 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-50-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 503.0g (17.74 Oz.)
DUAL OUTPUT (Under forced air cooling)
MAIN VO1 ★@#
AUX. VO2 ▲
MODEL NO.
Typ.
Volt.
Typ.
Volt.
HVP105- 21
10.0A
5.0V
4.0A
12.0V
HVP105- 22
10.0A
5.0V
3.0A
15.0V
HVP105- 23
10.0A
5.0V
2.0A
24.0V
HVP105- 24
4.0A
12.0V
4.0A
12.0V
HVP105- 25
3.4A
15.0V
3.4A
15.0V
HVP105- 291
15.0A
3.3V
4.0A
12.0V
HVP105- 292
15.0A
3.3V
3.0A
15.0V
QUAD OUTPUT (Under forced air cooling)
MAIN VO1 ★@ #
AUX. VO2 ■
AUX. VO3 ■
AUX. ±VO4 ■
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HVP105- 40
10.0A
+5.0V
3.0A
+12.0V
0.6A
-12.0V
0.6A
12.0V
HVP105- 41
10.0A
+5.0V
3.0A
+12.0V
1.0A
-5.0V
1.0A
5.0V
HVP105- 42
10.0A
+5.0V
1.5A
+24.0V
0.6A
-12.0V
0.6A
12.0V
HVP105- 43
10.0A
+5.0V
2.5A
+15.0V
0.5A
-15.0V
0.5A
12.0V
HVP105- 490
12.0A
+3.3V
3.0A
+12.0V
1.0A
-12.0V
1.0A
5.0V
HVP105- 491
12.0A
+3.3V
2.5A
+15.0V
1.0A
-15.0V
1.0A
5.0V
HVP105- 492
12.0A
+3.3V
3.0A
+12.0V
0.6A
-12.0V
0.6A
12.0V
HVP105- 493
12.0A
+3.3V
2.5A
+15.0V
0.5A
-15.0V
0.5A
12.0V
HVP105- 494
12.0A
+3.3V
1.5A
+24.0V
0.6A
-12.0V
0.6A
12.0V
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "■" Coupled filter inductor. "▲" Magnetic Amplifier Regulator.
SINGLE OUTPUT (Under air cooling)
MAIN VO1 ★@#
MODEL NO.
Typ.
Volt.
HVP105-19
25.0A
3.3V
HVP105-10
20.0A
5.0V
HVP105-11
8.5A
12.0V
HVP105-12
6.8A
15.0V
HVP105-13
4.2A
24.0V
HVP105-14
3.6A
28.0V
HVP105-15
2.8A
36.0V
TRIPLE OUTPUT (Under forced air cooling)
MAIN VO1 ★@#
AUX. VO2 ■
AUX. VO3 ■
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HVP105- 30
10.0A
+5.0V
3.4A
+12.0V
0.6A
-12.0V
HVP105- 31
10.0A
+5.0V
3.4A
+12.0V
1.0A
-5.0V
HVP105- 32
10.0A
+5.0V
1.5A
+24.0V
0.8A
-12.0V
HVP105- 33
10.0A
+5.0V
2.5A
+15.0V
0.6A
-15.0V
HVP105- 393
12.0A
+3.3V
3.4A
+12.0V
0.8A
-12.0V
HVP105- 394
12.0A
+3.3V
2.8A
+15.0V
0.6A
-15.0V
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE O/P
DUAL O/P
TRIPLE O/P
QUAD O/P
ASSORTED SIGNAL
ASSIGNMENT
AC
-L
AC-
N
AC-
G
VO1
DC-
COM
VO1
VO2
DC-
COM
VO1
VO2
VO3
DC-
COM
VO1
VO2
VO3
+VO4
-VO4
DC-
COM
-S
+S
DC-
COM
P.F.S.
CNTR & PIN #
P1-
L
P1-
N
P1-
G
P2-1,2,
3,4,5
P2-6,7
,8,9,10
P2-1,2,3 P2-8,9
P2-4,
5,6,7
P2-1,
2,3
P2-8,9 P2-11
P2-4,
5,6,7
P2-1,
2,3
P2-8,9 P2-11 P2-13 P2-14
P2-4,
5,6,7
P3-1 P3-2
P3-3
P3-4
Mating connector: Moles 5195 or 5239 series.


Similar Part No. - HVP105-394

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVP10 RECTRON-HVP10 Datasheet
23Kb / 2P
   HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes)
logo
Leshan Radio Company
HVP10 LRC-HVP10 Datasheet
51Kb / 2P
   HIGH-VOLTAGE DIODES
logo
MIC GROUP RECTIFIERS
HVP10 MIC-HVP10 Datasheet
114Kb / 1P
   HIGH VOLTAGE RECTIFIER
logo
Leshan Radio Company
HVP10 LRC-HVP10 Datasheet
201Kb / 4P
   Controlled avalanche characteristic combined Low forward voltage drop
logo
List of Unclassifed Man...
HVP10 ETC-HVP10 Datasheet
428Kb / 1P
   HIGH VOLTAGE THICK FILM PLANAR RESISTORS
More results

Similar Description - HVP105-394

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP150 HITRON-HVP150 Datasheet
380Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & DUAL OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP180 HITRON-HVP180 Datasheet
547Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP103 TOTAL-POWER-TPVP103 Datasheet
781Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
TPVP-103 TOTAL-POWER-TPVP-103 Datasheet
787Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVP103 SERIES
TPVP-149 TOTAL-POWER-TPVP-149 Datasheet
400Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com