Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2584 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2584
Description  Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2584 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2584 Datasheet HTML 1Page - KR Electronics, Inc. 2584 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2004, KR Electronics, Inc.
Parameter
Specification
Filter type
Bandpass
Center Frequency
80 MHz
Insertion Loss
< 5 dB (< 3 dB typical)
Minimum 2 dB Passband
72 MHz to 88 MHz
Attenuation 56 MHz
> 60 dB
Attenuation 104 MHz
> 60 dB
Source and Load
50
KR 2584 Bandpass
KR 2584 Bandpass
KR 2584 Bandpass
KR 2584 Bandpass
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Notes:
1.
Surface mount package — Metal cover, open frame
2.
Dimensions in inches
3.
Use SN60 or SN63 solder during installation
4.
If boards are cleaned after installation, units must be completely
dried to remove any entrapped moisture that will effect electrical
performance


Similar Part No. - 2584

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2584010000 WEIDMULLER-2584010000 Datasheet
244Kb / 3P
   CABTITE LNS M63 BK Weidm체ller Interface
2584030000 WEIDMULLER-2584030000 Datasheet
239Kb / 3P
   CABTITE LNS M50 BK Weidm체ller Interface
2584050000 WEIDMULLER-2584050000 Datasheet
235Kb / 3P
   CABTITE LNS M40 BK
2584090000 WEIDMULLER-2584090000 Datasheet
249Kb / 3P
   CABTITE LNS M25 BK
logo
List of Unclassifed Man...
2584106 ETC-2584106 Datasheet
697Kb / 1P
   RH TYPE TERMINAL FEMALE
2001/08/06
More results

Similar Description - 2584

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com