Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVI102-30 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVI102-30
Description  UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI102-30 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVI102-30 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI102-30 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-30-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 448.5g (15.82 Oz.)
SINGLE OUTPUT
MAIN VO1 ★@#
MODEL NO.
Typ.
Volt.
HVI102-19
25.0A
3.3V
HVI102-10
20.0A
5.0V
HVI102-11
8.5A
12.0V
HVI102-12
6.8A
15.0V
HVI102-13
4.2A
24.0V
HVI102-13B
3.0A
24.0V
HVI102-14
3.6A
28.0V
HVI102-15
2.8A
36.0V
HVI102-16
2.0A
48.0V
HVI102-17
1.3A
58.0V
DUAL OUTPUT
MAIN VO1 ★@#
AUX. ±VO2 ■
MODEL NO.
Typ.
Volt.
Typ.
Volt.
MODEL NO.
HVI102-20
10.0A
+5.0V
10.0A
-5.0V(+)
(HVI102-20P)
HVI102-21
10.0A
+5.0V
4.0A
-12.0V(+)
(HVI102-21P)
HVI102-22
10.0A
+5.0V
3.0A
-15.0V(+)
(HVI102-22P)
HVI102-23
10.0A
+5.0V
2.0A
-24.0V(+)
(HVI102-23P)
HVI102-23E
7.5A
+6.5V
2.0A
-24.0V(+)
(HVI102-23EP)
HVI102-24
4.0A
+12.0V
4.0A
-12.0V(+)
(HVI102-24P)
HVI102-25
3.4A
+15.0V
3.4A
-15.0V(+)
(HVI102-25P)
HVI102-290
10.0A
+3.3V
10.0A
-5.0V(+)
(HVI102-290P)
HVI102-291
12.0A
+3.3V
4.0A
-12.0V(+)
(HVI102-291P)
HVI102-292
12.0A
+3.3V
3.0A
-15.0V(+)
(HVI102-292P)
HVI102-293
12.0A
+3.3V
2.0A
-24.0V(+)
(HVI102-293P)
TRIPLE OUTPUT
MAIN +VO1 ★@#
AUX. +VO2 ■
AUX. -VO3 ■
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HVI102-30
10.0A
+5.0V
3.4A
+12.0V
0.6A
-12.0V
HVI102-31
10.0A
+5.0V
3.4A
+12.0V
0.6A
- 5.0V
HVI102-32
10.0A
+5.0V
1.5A
+24.0V
0.6A
-12.0V
HVI102-33
10.0A
+5.0V
2.5A
+15.0V
0.6A
-15.0V
HVI102-390B
18.0A
+3.3V
4.0A
+5.0V
1.0A
+12.0V
HVI102-393
12.0A
+3.3V
3.4A
+12.0V
0.6A
-12.0V
HVI102-394
12.0A
+3.3V
2.8A
+15.0V
0.6A
-15.0V
QUAD OUTPUT
MAIN +VO1 ★@#
AUX. +VO2 ■
AUX. -VO3 ■
AUX. VO4 ■
MODEL NO
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HVI102-40
10.0A
+5.0V
3.0A
+12.0V
0.60A
-12.0V
0.60A
12.00V
HVI102-41
10.0A
+5.0V
3.0A
+12.0V
0.60A
-5.0V
0.60A
5.00V
HVI102-42
10.0A
+5.0V
1.5A
+24.0V
0.60A
-12.0V
0.60A
12.00V
HVI102-43
10.0A
+5.0V
2.5A
+15.0V
0.60A
-15.0V
0.60A
12.00V
HVI102-44
10.0A
+5.0V
1.5A
+24.0V
0.50A
-15.0V
0.50A
15.00V
HVI102-44E
3.0A
+5.0V
1.5A
+24.0V
0.50A
-15.0V
0.50A
15.00V
HVI102-490
12.0A
+3.3V
3.0A
+12.0V
0.60A
-12.0V
0.60A
5.00V
HVI102-490E
10.0A
+5.0V
7.5A
+3.3V
0.25A
-12.0V
0.25A
12.00V
HVI102-490B
12.0A
+3.3V
4.0A
+5.0V
0.60A
-12.0V
0.60A
12.00V
HVI102-491
12.0A
+3.3V
2.5A
+15.0V
0.60A
-15.0V
0.60A
5.00V
HVI102-491B
12.0A
+3.3V
4.0A
+5.0V
0.60A
-15.0V
0.60A
15.00V
HVI102-492
12.0A
+3.3V
3.0A
+12.0V
0.60A
-12.0V
0.60A
12.00V
HVI102-493
12.0A
+3.3V
2.5A
+15.0V
0.60A
-15.0V
0.60A
12.00V
HVI102-494
12.0A
+3.3V
1.5A
+24.0V
0.60A
-12.0V
0.60A
12.00V
HVI102-495
7.0A
+3.3V
1.0A
+5.0V
1.00A
-5.0V
2.50A
24.00V
HVI102-496E
15.0A
+3.3V
1.1A
+5.0V
1.25A
-48.0V
0.30A
6.25V
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "■" Coupled choke. "●" Installed with Post Regulator. "◇" Floating(or isolated)output.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
DUAL OUTPUT
TRIPLE OUTPUT
QUAD OUTPUT
ASSORTED
SIGNAL
ASSIGNMENT
AC-L
AC-N
AC-G
VO1
DC-COM
VO1
VO2
DC-COM
VO1
VO2
VO3
DC-COM
VO1
VO2
VO3 +VO4 -VO4
DC-COM
-S
+S
P.F.S.
CONNECTOR
&PIN#
P1-L
P1-N
P1-G
P2-1,2,3,4,5 P2-6,7,8,9,10,11 P2-1,2,3
P2-8,9 P2-4,5,6,7,10,13 P2-1,2,3
P2-8,9 P2-11 P2-4,5,6,7,10,13 P2-1,2,3
P2-8,9
P2-11 P2-14 P2-13
P2-4,5,6,7
P3-1
P3-2
P2-12
Mating connector: P1,2,3 Molex # 5195 or 5239 series.


Similar Part No. - HVI102-30

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI10 HITRON-HVI10 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10-10 HITRON-HVI10-10 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10-11 HITRON-HVI10-11 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10-12 HITRON-HVI10-12 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10-13 HITRON-HVI10-13 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HVI102-30

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI72 HITRON-HVI72 Datasheet
410Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI100 HITRON-HMI100 Datasheet
104Kb / 3P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI19 HITRON-HVI19 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI48 HITRON-HVI48 Datasheet
315Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI41 HITRON-HVI41 Datasheet
350Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com