Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVP350-T120DI Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVP350-T120DI
Description  AUTO-RANGING INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING OPEN FRAME SINGLE & MULTI-OUTPUT 350 WATTS INTERNAL SWITCHING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP350-T120DI Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVP350-T120DI Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP350-T120DI Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-60-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES] WEIGHT:1,872.0g (66.0 Oz.) for Enclosure box.
1,675.0g (59.0 Oz.) for U-Bracket.
TRIPLE OUTPUT (Under 30 cfm forced air cooling)
MAIN VO1 ⊙@ #≡
AUX. VO2 @ ⊙▲#≡
AUX. -VO3 ⊙
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HVP350-T120EI
17.0A
+12.0V
23.0A
+5.0V
1.0A
-12.0V
HVP350-T120EE
17.0A
+12.0V
23.0A
+5.0V
1.0A
-5.0V
HVP350-T240EI
8.5A
+24.0V
23.0A
+5.0V
1.0A
-12.0V
HVP350-T150EK
13.5A
+15.0V
23.0A
+5.0V
1.0A
-15.0V
HVP350-T050DI
30.0A
+5.0V
30.0A
+3.3V
1.0A
-12.0V
HVP350-T033DK
35.0A
+3.3V
25.0A
+3.3V
1.0A
-15.0V
HVP350-T120DI
20.0A
+12.0V
25.0A
+3.3V
1.0A
-12.0V
HVP350-T150DK
16.0A
+15.0V
25.0A
+3.3V
1.0A
-15.0V
Symbol: " " OVP built-in. "
" 3rd-wire current sharing. "@" Adjustable. "▲" Installed with magnetic amplifier.
" " Installed with Post Regulator (P.R.). "⊙" OR-ing diodes. "#" Remote sensing.
SINGLE OUTPUT (W/fan cooling)
DUAL OUTPUT (Under 30cfm forced air cooling)
MAIN VO1@ #⊙≡
MAIN VO1 @ #
AUX. VO2 @ ▲#≡⊙
MODEL NO.
Typ.
Volt.
MODEL NO.
Typ.
Volt.
Typ.
Volt.
HVP350-S033700
70.0A
3.3V
HVP350-D120E
19.0A
+12.0V
24.0A
+5.0V
HVP350-S050650
65.0A
5.0V
HVP350-D150E
15.5A
+15.0V
24.0A
+5.0V
HVP350-S120270
27.0A
12.0V
HVP350-D240E
10.0A
+24.0V
24.0A
+5.0V
HVP350-S150220
22.0A
15.0V
HVP350-D050D
35.0A
+5.0V
24.0A
+3.3V
HVP350-S240140
14.0A
24.0V
HVP350-D120D
15.0A
+12.0V
24.0A
+3.3V
HVP350-S280120
12.0A
28.0V
HVP350-D150D
12.0A
+15.0V
24.0A
+3.3V
HVP350-S360100
10.0A
36.0V
HVP350-S480075
7.5A
48.0V
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE/ DUAL / TRIPLE OUTPUT
ASSORTED SIGNALS
ASSIGNMENT AC-L AC-N AC-G
VO1
VO2
VO3
DC-COM
VO1#
VO2 #
VO1 ≡
VO2≡
P.F. P. Good
CONNECTOR
& PIN#
P1-3 P1-5 P1-1
P2-1,2,3,4,5,
13,14,15,16,17
--
--
P2-6,7,8,9,10,
18,19.20,21,22
P2-11
--
P2-23
--
P2-12 P2-24
CONNECTOR
& PIN#
P1-3 P1-5 P1-1 P2-1,2,3,13,14 P2-8,9,20,21
--
P2-4,5,6,7,15,
16,17,18,19
P2-11
P2-10
P2-23
P2-22 P2-12 P2-24
CONNECTOR
& PIN#
P1-3 P1-5 P1-1 P2-1,2,3,13,14 P2-8,9,20,21
P2-15
P2-4,5,6,7,16,
17,18,19
P2-11
P2-10
P2-23
P2-22 P2-12 P2-24
Mating connector: Molex # 42385-06& 42385-24.


Similar Part No. - HVP350-T120DI

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP351 HITRON-HVP351 Datasheet
301Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC HOT SWAPPABLE N1 REDUNDANCY AND ACTIVE CURRENT SHARING OPEN FRAME QUAD OUTPUT 350 WATTS INTERNAL SWITCHING
HVP351-Q033BEI HITRON-HVP351-Q033BEI Datasheet
301Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC HOT SWAPPABLE N1 REDUNDANCY AND ACTIVE CURRENT SHARING OPEN FRAME QUAD OUTPUT 350 WATTS INTERNAL SWITCHING
HVP351-Q050DBI HITRON-HVP351-Q050DBI Datasheet
301Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC HOT SWAPPABLE N1 REDUNDANCY AND ACTIVE CURRENT SHARING OPEN FRAME QUAD OUTPUT 350 WATTS INTERNAL SWITCHING
HVP351-Q050DII HITRON-HVP351-Q050DII Datasheet
301Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC HOT SWAPPABLE N1 REDUNDANCY AND ACTIVE CURRENT SHARING OPEN FRAME QUAD OUTPUT 350 WATTS INTERNAL SWITCHING
HVP351-Q050DMI HITRON-HVP351-Q050DMI Datasheet
301Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC HOT SWAPPABLE N1 REDUNDANCY AND ACTIVE CURRENT SHARING OPEN FRAME QUAD OUTPUT 350 WATTS INTERNAL SWITCHING
More results

Similar Description - HVP350-T120DI

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP351 HITRON-HVP351 Datasheet
301Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC HOT SWAPPABLE N1 REDUNDANCY AND ACTIVE CURRENT SHARING OPEN FRAME QUAD OUTPUT 350 WATTS INTERNAL SWITCHING
HVP400 HITRON-HVP400 Datasheet
274Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE BOX SINGLE & MULTI-OUTPUT 400 WATTS INTERNAL SWITCHING
HVP200 HITRON-HVP200 Datasheet
383Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME AND ACTIVE CURRENT SHARING MULTI-OUTPUT 200 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP348 TOTAL-POWER-TPVP348 Datasheet
341Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE BOX WITH FAN TRIPLE OUTPUT 350 WATTS INTERNAL SWITCHING
logo
HITRON ELECTRONICS CORP...
HVP348 HITRON-HVP348 Datasheet
262Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE BOX WITH FAN TRIPLE OUTPUT 350 WATTS INTERNAL SWITCHING
HVP500 HITRON-HVP500 Datasheet
272Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE PLUG-IN BOX TRIPLE OUTPUT 500 WATTS INTERNAL SWITCHING
HIH100 HITRON-HIH100 Datasheet
406Kb / 2P
   AUTO-RANGING INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com