Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL16L8-7MFK Datasheet(PDF) 10 Page - Texas Instruments

Part # TIBPAL16L8-7MFK
Description  HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL16L8-7MFK Datasheet(HTML) 10 Page - Texas Instruments

Back Button TIBPAL16L8-7MFK Datasheet HTML 6Page - Texas Instruments TIBPAL16L8-7MFK Datasheet HTML 7Page - Texas Instruments TIBPAL16L8-7MFK Datasheet HTML 8Page - Texas Instruments TIBPAL16L8-7MFK Datasheet HTML 9Page - Texas Instruments TIBPAL16L8-7MFK Datasheet HTML 10Page - Texas Instruments TIBPAL16L8-7MFK Datasheet HTML 11Page - Texas Instruments TIBPAL16L8-7MFK Datasheet HTML 12Page - Texas Instruments TIBPAL16L8-7MFK Datasheet HTML 13Page - Texas Instruments TIBPAL16L8-7MFK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ns
Pulse duration, clock
tw
TIBPAL16R4-5C, TIBPAL16R6-5C
HIGH-PERFORMANCE IMPACT-X
™ PAL® CIRCUITS
SRPS011D – D3359, OCTOBER 1989 – REVISED SEPTEMBER 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
10
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to disabled output (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: These ratings apply except for programming pins during a programming cycle or during a preload cycle.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage (see Note 2)
2
5.5
V
VIL
Low-level input voltage (see Note 2)
0.8
V
IOH
High-level output current
– 3.2
mA
IOL
Low-level output current
24
mA
fclock
Clock frequency
0
125
MHz
High
4
Low
4
tsu
Setup time, input or feedback before clock
4.5
ns
th
Hold time, input or feedback after clock
0
ns
TA
Operating free-air temperature
0
25
75
°C
NOTE 2: These are absolute voltage levels with respect to the ground pin of the device and include all overshoots due to system and/or tester
noise. Testing these parameters should not be attempted without suitable equipment.


Similar Part No. - TIBPAL16L8-7MFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7CFN TI-TIBPAL16L8-7CFN Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7CJ TI-TIBPAL16L8-7CJ Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-7CN TI-TIBPAL16L8-7CN Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results

Similar Description - TIBPAL16L8-7MFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com