Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL16L8-10MFK Datasheet(PDF) 10 Page - Texas Instruments

Part # TIBPAL16L8-10MFK
Description  HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL16L8-10MFK Datasheet(HTML) 10 Page - Texas Instruments

Back Button TIBPAL16L8-10MFK Datasheet HTML 6Page - Texas Instruments TIBPAL16L8-10MFK Datasheet HTML 7Page - Texas Instruments TIBPAL16L8-10MFK Datasheet HTML 8Page - Texas Instruments TIBPAL16L8-10MFK Datasheet HTML 9Page - Texas Instruments TIBPAL16L8-10MFK Datasheet HTML 10Page - Texas Instruments TIBPAL16L8-10MFK Datasheet HTML 11Page - Texas Instruments TIBPAL16L8-10MFK Datasheet HTML 12Page - Texas Instruments TIBPAL16L8-10MFK Datasheet HTML 13Page - Texas Instruments TIBPAL16L8-10MFK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
I, I/O
O, I/O
tpd
ns
TIBPAL16L8-7C, TIBPAL16R4-7C, TIBPAL16R6-7C, TIBPAL16R8-7C
HIGH-PERFORMANCE IMPACT-X
™ PAL® CIRCUITS
SRPS006D – D3115, MAY 1988 – REVISED MARCH 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
10
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITION
MIN
TYP†
MAX
UNIT
without feedback
100
fmax‡
with internal feedback
(counter configuration)
100
MHz
with external feedback
74
1 or 2 outputs switching
3
5.5
7
8 outputs switching
R1 = 200
Ω,
3
6
7.5
tpd
CLK
Q
R2 = 390
Ω,
2
4
6.5
ns
tpd§
CLK
Feedback input
See Figure 6
3
ns
ten
OE
Q
4
7.5
ns
tdis
OE
Q
4
7.5
ns
ten
I, I/O
O, I/O
6
9
ns
tdis
I, I/O
O, I/O
6
9
ns
tsk(o)¶
Skew between registered outputs
0.5
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ See section for fmax specifications.
§ This parameter applies to TIBPAL16R4’ and TIBPAL16R6’ only (see Figure 4 for illustration) and is calculated from the measured fmaxwithinternal
feedback in the counter configuration.
¶ This parameter is the measurement of the difference between the fastest and slowest tpd (CLK-to-Q) observed when multiple registered outputs
are switching in the same direction.


Similar Part No. - TIBPAL16L8-10MFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-10 TI-TIBPAL16L8-10 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10C TI-TIBPAL16L8-10C Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10CFN TI-TIBPAL16L8-10CFN Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10CJ TI-TIBPAL16L8-10CJ Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10CN TI-TIBPAL16L8-10CN Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results

Similar Description - TIBPAL16L8-10MFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com