Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2704 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2704
Description  Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2704 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2704 Datasheet HTML 1Page - KR Electronics, Inc. 2704 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2006, KR Electronics, Inc.
CH1
S 21
log MAG
.25 dB/
REF 0 dB
CENTER 160.000 000 MHz
SPAN 100.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 6 ns
2 ns/
Cor
Smo
PRm
17 Jul 2006 11:11:10
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
START 20.000 000 MHz
STOP 1 000.000 000 MHz
Cor
PRm
17 Jul 2006 11:08:06
KR Electronics
KR 2704 is a 160 MHz surface mount bandpass filter. The filter
has a minimum 0.35 dB bandwidth of 100 MHz. Other passband
frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
Surface Mount Package
Sharp Transition to Stopband
80 dB Stopband
50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.25 dB/div and 2 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2704

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2704 3M-2704 Datasheet
118Kb / 4P
   3M??Novec??2704 Electronic Grade Coating
logo
Heyco.
2704 HEYCO-2704 Datasheet
105Kb / 1P
   Dome Plugs
logo
Mill-Max Mfg. Corp.
2704-2-00-80-00-00-07-0 MILL-MAX-2704-2-00-80-00-00-07-0 Datasheet
423Kb / 1P
   SOLDER TERMINAL TURRETS
logo
KR Electronics, Inc.
2704-SMA KR-2704-SMA Datasheet
49Kb / 2P
   Bandpass Filter
logo
Integrated Technology F...
270401B ITF-270401B Datasheet
208Kb / 5P
   SAW Bandpass Filter
More results

Similar Description - 2704

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com