Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2712 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2712
Description  Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2712 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2712 Datasheet HTML 1Page - KR Electronics, Inc. 2712 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2006, KR Electronics, Inc.
CH1
S 21
log MAG
.5 dB/
REF 0 dB
START
8.000 000 MHz
STOP 12.000 000 MHz
Cor
Del
PRm
CH2
S 21
delay
REF 180 ns
20 ns/
Cor
Smo
PRm
28 Jul 2006 12:38:15
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
START
1.000 000 MHz
STOP 100.000 000 MHz
Cor
PRm
28 Jul 2006 12:42:37
KR Electronics
KR 2712 is a 10 MHz bandpass filter. The filter has a minimum
0.5 dB bandwidth of 4 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
SMA Connectors
Sharp Transition to Stopband
50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.5 dB/div and 20 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2712

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2712 SCHURTER-2712 Datasheet
322Kb / 2P
   Interconnection Cord with IEC Plug C, Angled
logo
List of Unclassifed Man...
2712 ETC2-2712 Datasheet
1Mb / 2P
   Magnetic hanger
2712 ETC2-2712 Datasheet
1Mb / 2P
   Magnetic hanger
2712 ETC2-2712 Datasheet
1Mb / 2P
   True RMS AC DC Tool KitR DMM
logo
Yantel Corporation
2712 YANTEL-2712 Datasheet
143Kb / 2P
   SMD RF Manual Tunable Inductor
More results

Similar Description - 2712

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com