Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8350 Datasheet(PDF) 2 Page - 3M Electronics

Part # 8350
Description  3M??D Sub Socket
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8350 Datasheet(HTML) 2 Page - 3M Electronics

  8350 Datasheet HTML 1Page - 3M Electronics 8350 Datasheet HTML 2Page - 3M Electronics 8350 Datasheet HTML 3Page - 3M Electronics 8350 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MD Sub Socket
50 Position
8350 Series
TS-0034-19
Sheet 2 of 3
.0
.0 0
.0 0 0
in c h
± .1
± .0 1 ± .0 0 5
[ ] D im ensio ns fo r R e fe re nce
On ly
T o le ra nce U n le ss N o te d
[m m ]
In c h
Ordering Information
Notes:
1.
Circled Numbers represent cable conductor number.
2. Preassembled closed cover is on Pin #1 side.
xx
Mounting Style:
5 = 4-40 UNC
6 = M2.5
Cover Style:
6 = Open Cover
7 = Closed Cover
Strain Relief
(Order Separately)
3448-8D50
Connector
8350-X00X
Closed End Cover
.050 Ref
[ 1.27 ]
.73 Ref
[ 18.5 ]
Open End Cover
2.79 [ 70.9 ]
Preassembled
1
50
2.40 [ 61.0 ]
2.07 [ 52.5 ]
.60
[ 15.2 ]
See Ordering Information
.281 [ 7.14 ] Max Screw Depth
.42
[ 10.7 ]
2
3
4
48
49
.108 [ 2.74 ]
.054 [ 1.37 ]
.224
[ 5.69 ]
.112
[ 2.84 ]
2.79 [ 70.9 ]
.47
[ 11.9 ]
.46
[ 11.7 ]
Adhesive with Liner
2.53
± .004
[ 64.3 ]
.62
[ 15.7 ]
Assembled
Thickness
.050 Ref
[ 1.27 ]
.42
[ 10.7 ]
2.77 [ 70.4 ]
.25
[ 6.35 ]
Assembly tools: 3M™ Press, 3640 (or equivalent), 3M™ Locator Plate, 3443-112, 3M™ Platen, 3442-9.


Similar Part No. - 8350

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8350 GILWAY-8350 Datasheet
65Kb / 1P
   T-1 Subminiature Lamps
logo
Littelfuse
83500000005 LITTELFUSE-83500000005 Datasheet
461Kb / 2P
   820/821/823/824 Series Panel Mount Enclosed Fuseholders
Revised: GD. 07/15/21
83500000005 LITTELFUSE-83500000005 Datasheet
868Kb / 2P
   830/831/834 Series Circuit Board Mount Enclosed Fuse Holders
Revised: 02/13/18
83500000205 LITTELFUSE-83500000205 Datasheet
461Kb / 2P
   820/821/823/824 Series Panel Mount Enclosed Fuseholders
Revised: GD. 07/15/21
logo
List of Unclassifed Man...
8350000100 ETC2-8350000100 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 8350

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
8209-6000 3M-8209-6000 Datasheet
501Kb / 4P
   3M D Sub Plug
3485-2100F 3M-3485-2100F Datasheet
560Kb / 3P
   3M D Sub Junction Shell
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
   3M??Boardmount Socket
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
   3M??Boardmount Socket
8200 3M-8200 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
logo
Adam Technologies, Inc.
DD50-SH-G1C ADAM-TECH-DD50-SH-G1C Datasheet
82Kb / 1P
   D-SUB SOCKET
DXXX-ST-1 ADAM-TECH-DXXX-ST-1 Datasheet
88Kb / 1P
   D-SUB SOCKET
logo
3M Electronics
9631032000ARTP 3M-9631032000ARTP Datasheet
429Kb / 5P
   3M??Through-Board Socket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com