Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK2124 Datasheet(PDF) 4 Page - Gunter Seniconductor GmbH.

Part # AK2124
Description  Radio Controlled Clock Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

AK2124 Datasheet(HTML) 4 Page - Gunter Seniconductor GmbH.

  AK2124 Datasheet HTML 1Page - Gunter Seniconductor GmbH. AK2124 Datasheet HTML 2Page - Gunter Seniconductor GmbH. AK2124 Datasheet HTML 3Page - Gunter Seniconductor GmbH. AK2124 Datasheet HTML 4Page - Gunter Seniconductor GmbH. AK2124 Datasheet HTML 5Page - Gunter Seniconductor GmbH. AK2124 Datasheet HTML 6Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Absolute Maximum Ratings
symbol
min.
max.
unit
Supply voltage
VCC
0
5.25
V
Output voltage
VO
0
5.25
V
Antenna switch voltage
VSA
0VCC
V
Switch controller voltage SR
VSR
0VCC
V
Stand-by switch voltage PON
VPON
0VCC
V
Junction temperature
Tj
150
°C
Operating temperature
Ta
-25
+85
°C
Recommended operational conditions
Supply voltage
VCC
1.4
V
Frequency
f
50 ... 80
kHz
Operating temperature
Ta
0 ... 55
°C
RF input voltage
ViE
> 3
µV
Electrical Characteristics
1. Test circuits
3
09/00
AK2124
Ue1 , Ue2 : pot core A
L
1100 nH/w
2
; 2 x 25 windings with 0.2 CuL
V
CC
20
19
18
17
16
15
14
13
12
11
12
3
4
5
6
7
8
9
10
AK 2124
AP1
47 n
SA
E3
REF
AP2
150 n
CD
PON
n.c.
CR
100
µ
KS
A
4.7 n
V
CC
n.c.
SR
CK
E1
E2
GND
A1
A2
V
CC
100 p
V
CC
22 n
V
CC
47 n
330 k
1 p
1 k
Ue1
Ue2
E2
E1
51
1 k
51
A
77.5 kHz
V
R
100 k


Similar Part No. - AK2124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK2124 ETC-AK2124 Datasheet
105Kb / 6P
   Receiver/Demodulator for time code signals transmitted by the transmitters
More results

Similar Description - AK2124

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
AK2125 GSG-AK2125 Datasheet
109Kb / 6P
   Radio Controlled Clock Receiver
AK2127 GSG-AK2127 Datasheet
104Kb / 6P
   Radio Controlled Clock Receiver
logo
TEMIC Semiconductors
U4221B TEMIC-U4221B Datasheet
169Kb / 12P
   Radio Controlled Clock Receiver
U4222B TEMIC-U4222B Datasheet
95Kb / 9P
   Radio Controlled Clock Receiver
logo
Nippon Precision Circui...
SM9501A NPC-SM9501A Datasheet
138Kb / 10P
   Radio Controlled Clock Receiver IC
SM9503A NPC-SM9503A Datasheet
120Kb / 9P
   Radio Controlled Clock Receiver IC
SM9501B NPC-SM9501B Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
logo
List of Unclassifed Man...
D6002 ETC1-D6002 Datasheet
121Kb / 6P
   RADIO CONTROLLED RECEIVER IC
logo
PREMO CORPORATION S.L
RCA-SMD PREMO-RCA-SMD_14 Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
RCA-SMD PREMO-RCA-SMD Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com