Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAP4MM1R000001 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # ADAP4MM1R000001
Description  Optical Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

ADAP4MM1R000001 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  ADAP4MM1R000001 Datasheet HTML 1Page - OPLINK Communications Inc. ADAP4MM1R000001 Datasheet HTML 2Page - OPLINK Communications Inc. ADAP4MM1R000001 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Oplink’sAdaptor is designed for interconnection for all optical systems or
components. Oplink offers a wide range of industrial standard adaptors.
With our highly integrated design and manufacturing capability, Oplink
can also provide customized products to help our customer for better
opportunities. Our adaptor complies with industry green initiative such
as Rohs
Product Description
Features
Applications
Performance Specifications
R01.20081017
Optical Adaptor
ADAP Series
Various Option of connector types for
adaptor
Environmental Green Plan Compliance
High Reliability
Optical Network
System interconnection
Testing Device Accessory
Parameters
Note
Min.
Typical
Max
Unit
Insertion Loss
FC Type
0.2
dB
SC Type
0.2
LC Type
0.25
ST Type
0.2
MU Type
0.2
Connection Durability
500
Mating
Connector Repeatability
FC Type
0.1
dB
SC Type
0.1
LC Type
0.1
ST Type
0.2
MU Type
0.1
Operating Temperature
-40
85
°C


Similar Part No. - ADAP4MM1R000001

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
ADAP-S0001 OPLINK-ADAP-S0001 Datasheet
238Kb / 2P
   Optical Adapter
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
logo
Mini-Circuits
ADAPTENUATORS MINI-ADAPTENUATORS Datasheet
57Kb / 2P
   50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators
logo
DDK Ltd.
ADAPTER DDK-ADAPTER Datasheet
673Kb / 31P
   Conversion Connector
logo
Mini-Circuits
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
   50OHM, DC to 18 GHz
More results

Similar Description - ADAP4MM1R000001

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
18K107-K00L5 ROSENBERGER-18K107-K00L5 Datasheet
109Kb / 2P
   Adaptor
53S101-S00N5 ROSENBERGER-53S101-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
28K132-S00N5 ROSENBERGER-28K132-S00N5 Datasheet
56Kb / 2P
   ADAPTOR
01S108-K00D3 ROSENBERGER-01S108-K00D3 Datasheet
514Kb / 2P
   Adaptor
02K108-K00S3 ROSENBERGER-02K108-K00S3 Datasheet
170Kb / 2P
   ADAPTOR
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
   ADAPTOR
28K160-S00N5 ROSENBERGER-28K160-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
03S109-K00S3 ROSENBERGER-03S109-K00S3 Datasheet
195Kb / 2P
   ADAPTOR
03K109-S00S3 ROSENBERGER-03K109-S00S3 Datasheet
191Kb / 2P
   ADAPTOR
09KR102-S0AS3 ROSENBERGER-09KR102-S0AS3 Datasheet
765Kb / 2P
   ADAPTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com