Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAP2PM3R000001 Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # ADAP2PM3R000001
Description  Optical Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

ADAP2PM3R000001 Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  ADAP2PM3R000001 Datasheet HTML 1Page - OPLINK Communications Inc. ADAP2PM3R000001 Datasheet HTML 2Page - OPLINK Communications Inc. ADAP2PM3R000001 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ADAP
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
0
0
0
0
0
Configuration
Simplex= 1
Duplex= 2
4 Ports= 4
Sleeve
Housing Color
Style
Metal= M
Plastic= P
Metal= 1
Blue= 2
Green= 3
Beige= 4
Black= 5
Square= S
Flange= F
Round= R
No Flange= N
Adapter Type
FC= 1
SC= 2
LC= 3
ST= 4
MU= 5
FC-SC= 6
FC-ST= 7
SC-ST= 8
E2000= 9
MTRJ= A
MPO= B
Optical Adaptor
ADAP Series
R01.20081017
Ceramic= C
Metal= M
Housing Material
Hybrid


Similar Part No. - ADAP2PM3R000001

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
ADAP-S0001 OPLINK-ADAP-S0001 Datasheet
238Kb / 2P
   Optical Adapter
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
logo
Mini-Circuits
ADAPTENUATORS MINI-ADAPTENUATORS Datasheet
57Kb / 2P
   50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators
logo
DDK Ltd.
ADAPTER DDK-ADAPTER Datasheet
673Kb / 31P
   Conversion Connector
logo
Mini-Circuits
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
   50OHM, DC to 18 GHz
More results

Similar Description - ADAP2PM3R000001

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
18K107-K00L5 ROSENBERGER-18K107-K00L5 Datasheet
109Kb / 2P
   Adaptor
53S101-S00N5 ROSENBERGER-53S101-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
28K132-S00N5 ROSENBERGER-28K132-S00N5 Datasheet
56Kb / 2P
   ADAPTOR
01S108-K00D3 ROSENBERGER-01S108-K00D3 Datasheet
514Kb / 2P
   Adaptor
02K108-K00S3 ROSENBERGER-02K108-K00S3 Datasheet
170Kb / 2P
   ADAPTOR
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
   ADAPTOR
28K160-S00N5 ROSENBERGER-28K160-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
03S109-K00S3 ROSENBERGER-03S109-K00S3 Datasheet
195Kb / 2P
   ADAPTOR
03K109-S00S3 ROSENBERGER-03K109-S00S3 Datasheet
191Kb / 2P
   ADAPTOR
09KR102-S0AS3 ROSENBERGER-09KR102-S0AS3 Datasheet
765Kb / 2P
   ADAPTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com