Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSCM-5KPSIG-D Datasheet(PDF) 1 Page - Ralston Instruments.

Part # QSCM-5KPSIG-D
Description  QSCM manifold, 5KPSIG digital gauge kit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QSCM-5KPSIG-D Datasheet(HTML) 1 Page - Ralston Instruments.

  QSCM-5KPSIG-D Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QSCM-5KPSIG-D
Part No.
QSCM-5KPSIG-D
QSCM manifold, 5KPSIG digital gauge kit
Perform static pressure calibrations using
nitrogen with included calibration manifold,
pressure gauge and hoses
Features
Item Includes
• Assembly - QSCM Assembly (QSCM)
• Gauge - 0-5000 psig Digital Pressure Gauge (GAUD-5000)
• Gauge Adapter - 1/4" female NPT x female QT, no check-
valve, brass (QTHA-2FBA)
• Hose - Quick-test hose, S.S. hose ends, 20 ft (6.10 m) long
(QSQS-HOS-20ft)
• Hose - Quick-test hose, S.S. hose ends, 2 ft (61 cm) long
(QSQS-HOS-2ft)
• Hose Adapter - 1/4" male NPT x male QT, no check-valve,
S.S. (QTHA-2MS0)
• Hose Adapter - 1/4" male NPT x male QT, no check-valve,
S.S. (QTHA-2MS0)
Specifications
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Pressure Range
0 to 5000 psi (0 to 345 bar)
Gauge Pressure Range
0 to 5000 psig
Temperature range
0 to 130 °F (-18 to 54 °C)
Gauge Temperature range
-4 to 185 °F (-20 to 85 °C)
Construction
Stainless Steel
Seal materials
Buna-N, Delrin, Teflon
Weight
2.63 lb (1.2 kg)
Dimensions
H: 7.88 in (20.02 cm) x W: 5 in (12.70 cm) x D: 3.78 in (9.60 cm)


Similar Part No. - QSCM-5KPSIG-D

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QSCM-5KPSIG-M RALSTON-QSCM-5KPSIG-M Datasheet
370Kb / 1P
   QSCM manifold, 5KPSIG analog gauge kit
More results

Similar Description - QSCM-5KPSIG-D

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QSCM-5KPSIG-M RALSTON-QSCM-5KPSIG-M Datasheet
370Kb / 1P
   QSCM manifold, 5KPSIG analog gauge kit
QTCM-REPK RALSTON-QTCM-REPK Datasheet
293Kb / 1P
   QTCM, QSCM manifold repair kit
QSCM-2FSA-20-2 RALSTON-QSCM-2FSA-20-2 Datasheet
349Kb / 1P
   QSCM manifold
QTCM-1KPSIG-D RALSTON-QTCM-1KPSIG-D Datasheet
373Kb / 1P
   QTCM manifold, 1KPSIG digital gauge kit
QSCM-1MSA-20-2 RALSTON-QSCM-1MSA-20-2 Datasheet
349Kb / 1P
   QSCM manifold
QSCM-2MSA-20-2 RALSTON-QSCM-2MSA-20-2 Datasheet
349Kb / 1P
   QSCM manifold
logo
Testo SE & Co. KGaA
TESTO550 TESTO-TESTO550 Datasheet
1Mb / 4P
   Digital manifold kit
logo
Ralston Instruments.
QTCM-1KPSIG-M RALSTON-QTCM-1KPSIG-M Datasheet
380Kb / 1P
   QTCM manifold, 1KPSIG analog gauge kit
QTCM-3KPSIG-M RALSTON-QTCM-3KPSIG-M Datasheet
380Kb / 1P
   QTCM manifold, 3KPSIG analog gauge kit
QSCM-0024 RALSTON-QSCM-0024 Datasheet
285Kb / 1P
   QSCM calibration manifold body, S.S.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com