Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12IICV2 Datasheet(PDF) 3 Page - Motorola, Inc

Part # S12IICV2
Description  MC9S12DT128 Device User Guide V02.09
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12IICV2 Datasheet(HTML) 3 Page - Motorola, Inc

  S12IICV2 Datasheet HTML 1Page - Motorola, Inc S12IICV2 Datasheet HTML 2Page - Motorola, Inc S12IICV2 Datasheet HTML 3Page - Motorola, Inc S12IICV2 Datasheet HTML 4Page - Motorola, Inc S12IICV2 Datasheet HTML 5Page - Motorola, Inc S12IICV2 Datasheet HTML 6Page - Motorola, Inc S12IICV2 Datasheet HTML 7Page - Motorola, Inc S12IICV2 Datasheet HTML 8Page - Motorola, Inc S12IICV2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
3
V02.02
08 Mar
2002
08 Mar
2002
Changed XCLKS to PE7 in Table 2-2
Updated device part numbers in Figure 2-1
Updated BDM clock in Figure 3-1
Removed SIM description in overview & nUPOSC spec in Table A-15
Updated electrical spec of VDD & VDDPLL (Table A-4), IOL/IOH
(Table A-6), CINS (Table A-9), CIN (Table A-6 & A-15),
Updated interrupt pulse timing variables in Table A-6
Updated device part numbers in Figure 2-1
Added document numbers on cover page and Table 0-2
V02.03
14 Mar
2002
14 Mar
2002
Cleaned up Fig. 1-1, 2-1
Updated Section 1.5 descriptions
Corrected PE assignment in Table 2-2, Fig. 2-5,6,7.
Corrected NVM sizes in Sections 16, 17
Added IREF spec for 1ATD in Table A-8
Added Blank Check in A.3.1.5 and Table A-11
Updated CRG spec in Table A-15
V02.04
16 Aug
2002
16 Aug
2002
Added:
Pull-up columns to signal table,
Example for PLL Filter calculation,
Thermal values for junction to board and package,
BGND pin pull-up
Part Order Information
Global Register Table
Chip Configuration Summary
Device specific info on CRG
Modified:
Reduced Wait and Run IDD values
Mode of Operation chapter
Changed leakage current for ADC inputs down to +-1uA
Minor modification of PLL frequency/ voltage gain values
Corrected:
Pin names/functions on 80 pin packages
Interrupt vector table enable register inconsistencies
PCB layout for 80QFP VREGEN position
V02.05
12 Sep
2002
12 Sep
2002
Corrected:
Register address mismatches in 1.5.1
V02.06
06 Nov
2002
06 Nov
2002
Removed document order no. from Revision History pages
Renamed "Preface" section to "Derivative Differences and
Document references". Added details for derivatives missing
CAN0/1/4, BDLC, IIC and/or Byteflight
Added 2L40K mask set in section 1.6
Added OSC User Guide in Preface, “Document References”
Added oscillator clock connection to BDM in S12_CORE in fig 3-1
Corrected several register and bit names in “Local Enable” column
of Table 5.1 Interrupt Vector Locations
Section HCS12 Core Block Description: mentioned alternate clock
of BDM to be equivalent to oscillator clock
Added new section: “Oscillator (OSC) Block Description”
Corrected in footnote of Table "PLL Characteristics": fOSC = 4MHz
Version
Number
Revision
Date
Effective
Date
Author
Description of Changes


Similar Part No. - S12IICV2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
S12IICV2 MOTOROLA-S12IICV2 Datasheet
641Kb / 124P
   MC9S12DT128B
logo
Freescale Semiconductor...
S12IICV2 FREESCALE-S12IICV2 Datasheet
83Kb / 2P
   Automotive applications
logo
NXP Semiconductors
S12IICV2 NXP-S12IICV2 Datasheet
1Mb / 152P
   MC9S12XDP512 Device User Guide
V01.12 April 2004
S12IICV2 NXP-S12IICV2 Datasheet
1Mb / 176P
   MC9S12XDP512 Device User Guide
V02.05 November 18th 2004
logo
Freescale Semiconductor...
S12IICV2/D FREESCALE-S12IICV2/D Datasheet
5Mb / 130P
   Device User Guide V01.18
More results

Similar Description - S12IICV2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
MC9S12DT128CPVE FREESCALE-MC9S12DT128CPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12H256 FREESCALE-MC9S12H256 Datasheet
5Mb / 130P
   Device User Guide V01.18
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
   Device User Guide V01.09
MC9S12DT256 FREESCALE-MC9S12DT256_06 Datasheet
781Kb / 132P
   Device User Guide V03.07
logo
NXP Semiconductors
9S12XDP512DGV1 NXP-9S12XDP512DGV1 Datasheet
1Mb / 152P
   MC9S12XDP512 Device User Guide
V01.12 April 2004
9S12XDP512DGV2 NXP-9S12XDP512DGV2 Datasheet
1Mb / 176P
   MC9S12XDP512 Device User Guide
V02.05 November 18th 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com