Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF280 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # SF280
Description  280.00 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF280 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SF280 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF280 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
280.00 MHz SAW Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© April 2004 by Vanlong Technology Co., Ltd.
SF280
Ideal for Receiver in 280.00 MHz
Low-Loss, Coupled-Resonator Quartz Design
Simple External Impedance Matching
Rugged, Hermetic, Low Profile F-11 Package
Absolute Maximum Rating (Ta=25
°C)
Parameter
Rating
Unit
CW RF Power Dissipation
P
+10
dBm
DC Voltage VDC Between Any Two Pins
VDC
±30
V
Operating Temperature Range
TA
-10 ~ +60
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electronic Characteristics
Parameter
Sym
Minimum
Typical
Maximum
Unit
Nominal Frequency (at 25
°C)
(Center frequency between 3dB point)
fC
NS
280.00
NS
MHz
Insertion Loss
279.065 … 280.094 MHz
IL
-
2.2
3.0
dB
Amplitude Ripple (p-p)
279.065 … 280.094 MHz
∆α
-
0.3
1.0
dB
Attenuation
180.00 … 240.00 MHz
240.00 … 265.00 MHz
320.00 … 380.00 MHz
α
rel
55
40
50
65
50
60
-
-
-
dB
dB
dB
Frequency Aging
Absolute Value during the First Year
|fA|
-
-
10
ppm/yr
DC Insulation Resistance Between any Two Pins
-
1.0
-
-
M
Input / Output Impendance (nominal)
-
-
50
-
NS = Not Specified
Notes:
1.
The frequency fC is defined as the midpoint between the 3dB
frequencies.
2.
Unless noted otherwise, all measurements are made with the filter
installed in the specified test fixture that is connected to a 50
Ω test
system with VSWR
≤ 1.2:1. The test fixture L and C are adjusted
for minimum insertion loss at the filter center frequency, fC. Note
that insertion loss, bandwidth, and passband shape are dependent
on the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire
specified operating temperature range.
4.
The specifications of this device are based on the test circuit
shown above and subject to change or obsolescence without
notice.
5.
All equipment designs utilizing this product must be approved by
the appropriate government agency prior to manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW)
component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
7.
For questions on technology, prices and delivery please contact
our sales offices or email to sales@vanlong.com.
SF280


Similar Part No. - SF280

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF28 MOSPEC-SF28 Datasheet
129Kb / 2P
   POWER RECTIFIERS(2.0A,500-1000V)
logo
SUNMATE electronic Co.,...
SF28 SUNMATE-SF28 Datasheet
288Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
SynSemi, Inc.
SF28 SYNSEMI-SF28 Datasheet
35Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Shenzhen Yixinwei Techn...
SF28 YIXIN-SF28 Datasheet
262Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Taychipst Elec...
SF28 TAYCHIPST-SF28 Datasheet
877Kb / 2P
   SUPER FAST RECTIFIERS
More results

Similar Description - SF280

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1189B-1 RFM-SF1189B-1 Datasheet
141Kb / 5P
   280.00 MHz SAW Filter
SF1189B RFM-SF1189B Datasheet
140Kb / 4P
   280.00 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5302 VANLONG-SF5302 Datasheet
152Kb / 2P
   280.00 MHz SAW Filter
logo
Transko Electronics, In...
TA28029AV TRANSKO-TA28029AV Datasheet
642Kb / 4P
   280.00 MHz IF SAW Filter / 29.51 MHz Bandwidth
Revision 0: 07. Oct. 2010
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com