Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10M20C1 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # 10M20C1
Description  Monolithic Crystal Filters (MCFs)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

10M20C1 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  10M20C1 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. 10M20C1 Datasheet HTML 2Page - Vanlong Technology Co., Ltd. 10M20C1 Datasheet HTML 3Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Monolithic Crystal Filters (MCFs)
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
November 8, 2005
Vanlong Technology Co., Ltd.
Monolithic Crystal Filters (MCFs)
Monolithic Crystal Filters (MCFs) are small, lightweight and exhibit
excellent group delay characteristics, by using low impedance
fundamental frequencies.
10.7MHz Series
ELECTRICAL CHARACTERISTICS
Model
Number
Center
Frequency
(MHz)
Number
of Poles
Pass Band
KHz/dB
Attenuation
KHz/dB
Pass Band
Ripple
(dB)
Insertion
Loss(dB)
Guaranteed
Attenuation
(dB)
Termination
(k
Ω//pF)
Package
10M7A
10.700
2
±3.75/3
±18/20
0.5
1.5
20
1.8//5
10M8A
10.700
2
±4.0/3
±30/30
0.5
2.0
20
1.8//5
10M10A
10.700
2
±5.0/3
±22.5/18
0.5
2.0
18
2.0
10M15A
10.700
2
±7.5/3
±25/15
0.5
2.0
15
3.0/1
10M20A
10.700
2
±10/3
±35/18
0.5
2.0
18
2.0 3.0
10M30A
10.700
2
±15/3
±50/15
0.5
2.0
15
5.5//-1
HC49U
HC49T
10M7B
10.700
4
±3.75/3
±14/40
1.0
2.5
40
1.8//4
10M8B
10.700
4
±4.0/3
±15/40
1.0
2.5
40
1.8//4
10M10B
10.700
4
±5.0/3
±20/40
1.0
2.0
40
2.0
10M15B
10.700
4
±7.5/3
±27/40
1.0
2.5
40
3.0//1.5
10M20B
10.700
4
±10/3
±34/40
1.0
2.5
40
2.0 3.0
10M25B
10.700
4
±12.5/3
±45/40
2.0
3.0
40
2.0
10M30B
10.700
4
±15/3
±40/30
1.0
2.5
30
5.5//-1
HC49Ux2
HC49Tx2
M-A
10M7C
10.700
6
±3.75/3
±12.5/65
2.0
3.5
65
1.8//3.5
10M15C
10.700
6
±7.5/3
±25/60
2.0
3.0
60
2.0
10M15C1
10.700
6
±7.5/6
±23/60
2.0
3.0
60
3.0//1
10M20C
10.700
6
±10/3
±35/60
2.0
3.0
65
3.0
10M20C1
10.700
6
±10/6
±34/65
2.0
3.0
65
3.0
10M25C
10.700
6
±12.5/3
±45/60
2.0
3.0
60
3.0
10M30C
10.700
6
±15/3
±45/65
2.0
3.0
65
5.5//-1
M-3
10M15D
10.700
8
±7.5/3
±25/80
2.0
4.0
80
2.0
10M15D1
10.700
8
±7.5/6
±20/80
2.0
4.0
80
3.0//1
M-4
21.4MHz Series
ELECTRICAL CHARACTERISTICS
Model
Number
Center
Frequency
(MHz)
Number
of Poles
Pass Band
KHz/dB
Attenuation
KHz/dB
Pass Band
Ripple
(dB)
Insertion
Loss(dB)
Guaranteed
Attenuation
(dB)
Termination
(k
Ω//pF)
Package
21M7A
21.400
2
±3.75/3
±14/18
0.5
2.0
35
0.85//5
21M13A
21.400
2
±6.5/3
±23/15
0.5
2.0
35
1.2//3
21M15A
21.400
2
±7.5/3
±25/18
0.5
2.0
35
1.5//3
21M20A
21.400
2
±10/3
±25/10
1.0
2.0
35
1.8//1.5
21M30A
21.400
2
±15/3
±45/15
2.0
2.0
35
1.8//1.5
UM1
UM5
21M7B
21.400
4
±3.75/3
±14/40
1.0
2.5
50
0.85//5
21M13B
21.400
4
±6.5/3
±25/40
1.0
2.5
50
1.2//3
21M15B
21.400
4
±7.5/3
±30/40
1.0
2.5
50
1.5//2
21M20B
21.400
4
±10/3
±34/40
1.0
2.5
50
1.5
21M30B
21.400
4
±15/3
±50/40
2.0
3.0
65
1.5
UM1x2
UM5x2
21M15C
21.400
6
±7.5/3
±25/60
2.0
3.0
65
1.5
21M20C
21.400
6
±10/3
±32.5/60
2.0
3.0
65
1.5
M-1
21M15D
21.400
8
±7.5/3
±20/80
2.0
3.0
80
1.5
M-2
MCF


Similar Part No. - 10M20C1

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
10M25 INTEL-10M25 Datasheet
240Kb / 14P
   Intel® MAX® 10 FPGA Device Overview
10M25DAE144C6G INTEL-10M25DAE144C6G Datasheet
240Kb / 14P
   Intel® MAX® 10 FPGA Device Overview
10M25DAE144I6G INTEL-10M25DAE144I6G Datasheet
240Kb / 14P
   Intel® MAX® 10 FPGA Device Overview
10M25DAE153C6G INTEL-10M25DAE153C6G Datasheet
240Kb / 14P
   Intel® MAX® 10 FPGA Device Overview
10M25DAE153I6G INTEL-10M25DAE153I6G Datasheet
240Kb / 14P
   Intel® MAX® 10 FPGA Device Overview
More results

Similar Description - 10M20C1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFUM5 ETC1-MCFUM5 Datasheet
63Kb / 3P
   Monolithic Crystal Filters (MCFs)
logo
Wolfgang Knap
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
   Monolithic Crystal Filters
logo
ECS, Inc.
ECS-10.7-7.5A ECS-ECS-10.7-7.5A Datasheet
206Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
   Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
   Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
UM1HJ-UM1SHJ-FAMILY WK-UM1HJ-UM1SHJ-FAMILY Datasheet
134Kb / 1P
   Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
   Monolithic Crystal Filters
logo
Raltron Electronics Cor...
10M7A RALTRON-10M7A Datasheet
76Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
96SMF-4P2 WK-96SMF-4P2 Datasheet
114Kb / 1P
   Monolithic Crystal Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com