Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF315 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # SF315
Description  315.00 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF315 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SF315 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF315 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
315.00 MHz SAW Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© April 2004 by Vanlong Technology Co., Ltd.
SF315
Designed to Provide Front-end selectivity in 315.00 MHz
Low-Loss, Coupled-Resonator Quartz Design
Simple External Impedance Matching
Rugged, Hermetic, Low Profile TO-39 Package
Absolute Maximum Rating (Ta=25
°C)
Parameter
Rating
Unit
CW RF Power Dissipation
P
+10
dBm
DC Voltage VDC Between Any Two Pins
VDC
±30
V
Operating Temperature Range
TA
-10 ~ +60
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electronic Characteristics
Parameter
Sym
Minimum
Typical
Maximum
Unit
Nominal Frequency (at 25
°C)
(Center frequency between 3dB point)
fC
NS
315.00
NS
MHz
Insertion Loss
IL
-
3.0
4.5
dB
3dB Passband
BW3
-
600
800
KHz
at fC - 21.4 MHz (Image)
-
40
50
-
dB
at fC - 10.7 MHz (LO)
-
20
30
-
dB
Rejection
Ultimate
-
-
60
-
dB
Operating Temperature Range
TC
-10
-
+60
°C
Turnover Temperature
TO
25
-
55
°C
Turnover Frequency
fO
-
fC
-
MHz
Temperature Stability
Frequency Temperature Coefficient
FTC
-
0.032
-
ppm/C
2
Frequency Aging
Absolute Value during the First Year
|fA|
-
-
10
ppm/yr
DC Insulation Resistance Between any Two Pins
-
1.0
-
-
M
NS = Not Specified
Notes:
1.
The frequency fC is defined as the midpoint between the 3dB
frequencies.
2.
Unless noted otherwise, all measurements are made with the filter
installed in the specified test fixture that is connected to a 50
Ω test
system with VSWR
≤ 1.2:1. The test fixture L and C are adjusted
for minimum insertion loss at the filter center frequency, fC. Note
that insertion loss, bandwidth, and passband shape are dependent
on the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire
specified operating temperature range.
4.
Frequency aging is the change in fC with time and is specified at
+65
°C or less. Aging may exceed the specification for prolonged
temperatures above +65
°C. Typically, aging is greatest the first
year after manufacture, decreasing in subsequent years.
5.
Turnover temperature, T0, is the temperature of maximum (or
turnover) frequency, f0. The nominal frequency at any case
temperature, TC, may be calculated from: f = f0 [1 - FTC (T0 - TC)
2].
6.
The specifications of this device are based on the test circuit
shown above and subject to change or obsolescence without
notice.
7.
All equipment designs utilizing this product must be approved by
the appropriate government agency prior to manufacture or sale.
8.
Our liability is only assumed for the Surface Acoustic Wave (SAW)
component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
9.
For questions on technology, prices and delivery please contact
our sales offices or email to sales@vanlong.com.
SF315


Similar Part No. - SF315

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SF315 PETERMANN-SF315 Datasheet
83Kb / 7P
   HIGH RELIABILITY FOR LOW COST
logo
Vanlong Technology Co.,...
SF315B VANLONG-SF315B Datasheet
148Kb / 2P
   315.00 MHz SAW Filter
SF315M50 VANLONG-SF315M50 Datasheet
148Kb / 2P
   315.50 MHz SAW Filter
More results

Similar Description - SF315

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF315B VANLONG-SF315B Datasheet
148Kb / 2P
   315.00 MHz SAW Filter
SF5401 VANLONG-SF5401 Datasheet
122Kb / 2P
   315.00 MHz SAW Filter
logo
RF Monolithics, Inc
RF3417E RFM-RF3417E Datasheet
326Kb / 4P
   315.00 MHz SAW Filter
SF1143B-2 RFM-SF1143B-2 Datasheet
103Kb / 3P
   315.00 MHz SAW Filter
SF1142B RFM-SF1142B Datasheet
408Kb / 6P
   315.00 MHz SAW Filter
SF1143B RFM-SF1143B Datasheet
459Kb / 6P
   315.00 MHz SAW Filter
SF1143B-4 RFM-SF1143B-4 Datasheet
107Kb / 3P
   315.00 MHz SAW Filter
logo
EPCOS
B3731 EPCOS-B3731 Datasheet
95Kb / 10P
   SAW Components SAW filter 315.00 MHz
logo
Murata Manufacturing Co...
RO3073A-11 MURATA-RO3073A-11 Datasheet
393Kb / 2P
   315.00 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0182B TAI-SAW-TC0182B Datasheet
390Kb / 5P
   SAW Resonator 315.00 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com