Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF5010 Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SF5010
Description  916.50 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF5010 Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SF5010 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF5010 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
916.50 MHz SAW Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© September, 2005 by Vanlong Technology Co., Ltd.
SF5010
Package Dimensions (QCC8C)
Marking
Test Circuit
Typical Frequency Response
Electrical Connections
Terminals
Connection
1
Input
2
Input Ground
5
Output
6
Output Ground
3,7
To be Grounded
4,8
Case Ground
Package Dimensions
Dimensions
Nom (mm)
Dimensions
Nom (mm)
A
2.08
E
1.20
B
0.60
F
1.35
C
1.27
G
5.00
D
2.54
H
5.00
F5010
916.5
YWW
1. F5010 - Part Code
2. Frequency (MHz) in 5 digits
3. Date Code:
Y : Last digit of year
WW : Week No.
C = 3 ~ 5 pF*
Ls1 = Ls2 = 2 turns of 0.50mm insulated copper, 2.0mm ID


Similar Part No. - SF5010

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF501 JINANJINGHENG-SF501 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
Guangdong Juxing Electr...
SF501 JUXING-SF501 Datasheet
1Mb / 3P
   Superfast Recovery Rectitiers
logo
Vanlong Technology Co.,...
SF5011 VANLONG-SF5011 Datasheet
90Kb / 2P
   926.25 MHz SAW Filter
logo
List of Unclassifed Man...
SF5012 ETC1-SF5012 Datasheet
87Kb / 2P
   927.00 MHz SAW Filter
More results

Similar Description - SF5010

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3181 MURATA-RF3181 Datasheet
168Kb / 2P
   916.50 MHz SAW Filter
RF3181D MURATA-RF3181D Datasheet
63Kb / 2P
   916.50 MHz SAW Filter
logo
RF Monolithics, Inc
RF1181 RFM-RF1181 Datasheet
187Kb / 2P
   916.50 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3181E MURATA-RF3181E Datasheet
467Kb / 4P
   916.50 MHz SAW Filter
logo
RF Monolithics, Inc
RF3181 RFM-RF3181 Datasheet
168Kb / 2P
   916.50 MHz SAW Filter
logo
Vanlong Technology Co.,...
SR916 VANLONG-SR916 Datasheet
91Kb / 2P
   916.50 MHz One-Port SAW Resonator
SR5004 VANLONG-SR5004 Datasheet
127Kb / 2P
   916.50 MHz One Port SAW Resonator
SQ5002 VANLONG-SQ5002 Datasheet
135Kb / 2P
   916.50 MHz Two Port SAW Resonator
SR5005 VANLONG-SR5005 Datasheet
101Kb / 2P
   916.50 MHz One Port SAW Resonator
logo
RF Monolithics, Inc
DM1800-916MN RFM-DM1800-916MN Datasheet
75Kb / 4P
   916.50 MHz Transceiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com