Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF5301 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # SF5301
Description  243.95 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF5301 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SF5301 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF5301 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
243.95 MHz SAW Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© April 2004 by Vanlong Technology Co., Ltd.
SF5301
Designed to PHS Handset Phone Selectivity in 243.95 MHz
Low-Loss, Coupled-Resonator Quartz Design
Simple External Impedance Matching
Ultra Miniature Ceramic DCC6 SMD Package
Absolute Maximum Rating (Ta=25
°C)
Parameter
Rating
Unit
Input Power Level
Pin
10
dBm
DC Voltage VDC Between Any Two Pins
VDC
12
V
Operating Temperature Range
TA
-10 ~ +65
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electronic Characteristics
Parameter
Sym
Minimum
Typical
Maximum
Unit
Nominal Frequency (at 25
°C)
(Center frequency between 3dB point)
fC
NS
243.95
NS
MHz
Insertion Loss Attenuation
IL
-
2.0
4.0
dB
3dB Passband
BW3
-
585
-
KHz
Amplitude Ripple
α
-
0.1
1.0
dB
Group Delay Ripple
-
-
0.28
1.0
µs
at fC - 21.6 MHz
-
60
-
-
dB
at fC - 1.2 MHz
-
40
-
-
dB
at fC - 0.6 MHz
25
35
-
dB
at fC + 0.6 MHz
25
33
-
dB
at fC + 1.2 MHz
38
45
-
dB
Rejection
at fC + 21.6 MHz
-
55
-
-
dB
Frequency Aging
Absolute Value during the First Year
|fA|
-
-
10
ppm/yr
DC Insulation Resistance Between any Two Pins
-
1.0
-
-
M
NS = Not Specified
Notes:
1.
The frequency fC is defined as the midpoint between the 3dB
frequencies.
2.
Unless noted otherwise, all measurements are made with the filter
installed in the specified test fixture that is connected to a 50
Ω test
system with VSWR
≤ 1.2:1. The test fixture L and C are adjusted
for minimum insertion loss at the filter center frequency, fC. Note
that insertion loss, bandwidth, and passband shape are dependent
on the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire
specified operating temperature range.
4.
The specifications of this device are based on the test circuit
shown above and subject to change or obsolescence without
notice.
5.
All equipment designs utilizing this product must be approved by
the appropriate government agency prior to manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW)
component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
7.
For questions on technology, prices and delivery please contact
our sales offices or e-mail sales@vanlong.com.
SF5301


Similar Part No. - SF5301

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SF530 LUGUANG-SF530 Datasheet
173Kb / 2P
   Super Fast Rectifiers
logo
DIYI Electronic Technol...
SF530 DYELEC-SF530 Datasheet
749Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
SF530 ZSELEC-SF530 Datasheet
97Kb / 2P
   .0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Vanlong Technology Co.,...
SF5302 VANLONG-SF5302 Datasheet
152Kb / 2P
   280.00 MHz SAW Filter
More results

Similar Description - SF5301

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2030A RFM-SF2030A Datasheet
259Kb / 11P
   243.95 MHz SAW Filter
logo
Oscilent Corporation
803-RF243.95M-B OSCILENT-803-RF243.95M-B Datasheet
172Kb / 2P
   243.95 MHz RF SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0252A TAI-SAW-TB0252A Datasheet
169Kb / 7P
   SAW Filter 243.95 MHz 0.26MHz BW
TB0253A TAI-SAW-TB0253A Datasheet
845Kb / 6P
   243.95 MHz PHS IF SAW Filter (SMD 3.5횞3.5 mm)
TB0252B TAI-SAW-TB0252B Datasheet
317Kb / 7P
   243.95 MHz PHS IF SAW Filter (SMD 3.0횞3.0 mm)
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com