Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ403 Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SQ403
Description  403.55 MHz Two-Port SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SQ403 Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SQ403 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SQ403 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
403.55 MHz Two-Port SAW Resonator
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
S Q 4 0 3
Package Dimensions (TO-39)
Marking
Equivalent LC Model and Test Circuit
Typical Application Circuit
Typical Frequency Response
Temperature Characteristics
Electrical Connections
Terminals
Connection
1
Input/ Output
2
Output/ Input
3
Case-Ground
Package Dimensions
Nom (mm)
Dimensions
Min
Max
A
9.10
9.50
B
3.20
3.60
C
2.80
3.20
D
Φ0.25
Φ0.65
E
4.98
5.18
F
2.54 Nominal
G
0.4
0.5
∆T= Tc –To (°C)
The curve shown above accounts for
resonator contribution only and does not
include oscillator temperature
characteristics.
fc = fo, Tc = To
Low Power Transmitter Application
SQ403
403.55
Local Oscillator Application
From 50
Source
To 50
Load
Ink Marking
Color: Black or Blue


Similar Part No. - SQ403

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ40031EL VISHAY-SQ40031EL Datasheet
211Kb / 8P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 23-Jan-17
SQ40031EL VISHAY-SQ40031EL_V01 Datasheet
211Kb / 8P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ4005EY VISHAY-SQ4005EY Datasheet
206Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ4005EY VISHAY-SQ4005EY Datasheet
215Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ4005EY VISHAY-SQ4005EY Datasheet
214Kb / 9P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQ403

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3120C MURATA-RO3120C Datasheet
395Kb / 2P
   403.55 MHz SAW Resonator
logo
Vanlong Technology Co.,...
SR5501 VANLONG-SR5501 Datasheet
93Kb / 2P
   403.55 MHz One Port SAW Resonator
logo
Murata Manufacturing Co...
RO3120A MURATA-RO3120A Datasheet
391Kb / 2P
   403.55 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2120A RFM-RO2120A Datasheet
100Kb / 2P
   403.55 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3300E MURATA-RO3300E Datasheet
99Kb / 2P
   403.55 MHz SAW Resonator
RO3300E MURATA-RO3300E_15 Datasheet
207Kb / 2P
   403.55 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TD0111A TAI-SAW-TD0111A Datasheet
215Kb / 3P
   SAW Resonator 403.55 MHz TO39
TC0272A TAI-SAW-TC0272A Datasheet
286Kb / 4P
   SAW Resonator 403.55 MHz SMD3X3 mm
logo
Vanlong Technology Co.,...
SQ865 VANLONG-SQ865 Datasheet
115Kb / 2P
   865.00 MHz Two-Port SAW Resonator
SQ418 VANLONG-SQ418 Datasheet
121Kb / 2P
   418.00 MHz Two-Port SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com