Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL461 Datasheet(PDF) 3 Page - Texas Instruments

Part # TL461
Description  PRECISION SERIES REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL461 Datasheet(HTML) 3 Page - Texas Instruments

  TL461 Datasheet HTML 1Page - Texas Instruments TL461 Datasheet HTML 2Page - Texas Instruments TL461 Datasheet HTML 3Page - Texas Instruments TL461 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TL461
PRECISION SERIES REFERENCE
SLVS263 – NOVEMBER 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at 25
°C free-air temperature, Vin = Vout + 2.5 V, Iout = 0
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VO
Output voltage
TL461-33
25
°C
3.284
3.3
3.317
V
VO
Output voltage
TL461-05
25
°C
4.975
5
5.025
V
αV
out
Output voltage temperature
coefficient (see Note 2)
Tmin < Tj < Tmax
–40
°C to 85°C
10
30
ppm/
°C
Line regulation
7 5V<Vi <20V
25
°C
3.1
6.3
mV
nVO
Line regulation
7.5 V < Vin < 20 V
–40
°C to 85°C
8.1
mV
I
t = 100 µA
25
°C
2.2
3
Iout = 100 µA
–40
°C to 85°C
4
nVO
Load regulation sourcing
I
t =10mA
25
°C
14
27
mV
nVO
Load regulation sourcing
Iout = 10 mA
–40
°C to 85°C
35
mV
I
t =20mA
25
°C
22
40
Iout = 20 mA
–40
°C to 85°C
50
Dropout voltage
Iout = 10 mA
–40
°C to 85°C
1.4
V
IO
Output current
Vout = GND
25
°C
40
mA
Reverse leakage
Vin = –15 V
–40
°C to 85°C
0.5
10
µA
Quiescent current
25
°C
125
180
µA
Quiescent current
–40
°C to 85°C
225
µA
Standby current
–40
°C to 85°C
50
µA
ENABLE bias c rrent
ENABLE = 0.8 V
40
°Cto85°C
7
µA
ENABLE bias current
ENABLE = 2 V
–40
°C to 85°C
0.05
µA
Output noise voltage (see Note 3)
0.1 Hz < f < 10 Hz
25
°C
20
µVpp
Output noise voltage (see Note 3)
10 Hz < f < 1 kHz
25
°C
20
µVrms
Long-term stability of output voltage (see Note 4)
25
°C
70
ppm/
√k
Hz
NOTES:
2. Temperature coefficient is measured by dividing the change in output voltage by the specified temperature range.
Maximum Vout
Minimum Vout
∆TA
∆Vout
a
Vout
ppm
°C +
DV
out
Vout at 25°C
106
DT
A
Where:
∆TA is the recommended operating free-air temperature range of the device.
can be positive or negative, depending on whether minimum Vout or maximum Vout, respectively,
occurs at the lower temperature.
aV
out
3. Peak-to-peak noise is measured with a single high-pass filter at 0.1 Hz and two-pole low-pass filter at 10 Hz. The unit is enclosed
in a still-air environment to eliminate thermocouple effects on the leads. The test time is 10 seconds. RMS noise is measured with
a single high-pass filter at 10 Hz and a two-pole low-pass filter at 1 kHz. The resulting output is full-wave rectified, then integrated
for a fixed period, making the final reading an average rather than RMS. A correction factor of 1.1 converts from average to RMS.
A second correction of 0.88 corrects for the nonideal bandpass of the filters.
4. Long-term stability typically has a logarithmic characteristic. Therefore, stability changes after 1000 hours tend to be much smaller
than before that time. Total drift in the second thousand hours is normally less than one third of that of the first thousand hours, with
a continuing trend toward reduced drift with time. Significant improvement in long-term drift can be realized by preconditioning the
device with a 100-hour to 200-hour, 125
°C burn-in. Long-term stability also is affected by differential stresses between the device
and the board material that are created during board assembly.


Similar Part No. - TL461

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
   Max. load 800N (push)
20211228-L
logo
TAITRON Components Inco...
TL400 TAITRON-TL400 Datasheet
140Kb / 5P
   4A Bridge Rectifier
logo
STMicroelectronics
TL4006 STMICROELECTRONICS-TL4006 Datasheet
262Kb / 4P
   SCR
March 1995
logo
List of Unclassifed Man...
TL400G ETC2-TL400G Datasheet
127Kb / 4P
   4 AMP Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
   4A Glass Passivated Bridge Rectifier
More results

Similar Description - TL461

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com