Electronic Components Datasheet Search |
|
TL497AN Datasheet(PDF) 2 Page - Texas Instruments |
|
TL497AN Datasheet(HTML) 2 Page - Texas Instruments |
2 / 9 page TL497A SWITCHING VOLTAGE REGULATORS SLVS009D – JUNE 1976 – REVISED JULY 1999 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 AVAILABLE OPTIONS PACKAGED DEVICES CHIP TA SMALL-OUTLINE (D) PLASTIC DIP (N) SHRINK SMALL-OUTLINE (PW) CHIP FORM (Y) 0 °C to 70°C TL497ACD TL497ACN TL497ACPW TL497AY –40 °C to 85°C TL497AID TL497AIN — — The D and PW packages are only taped and reeled. Add the suffix R to the device type (e.g., TL497ACPWR). Chip forms are tested at 25 °C. functional block diagram BASE† 11 12 BASE DRIVE† CUR LIM SENS FREQ CONTROL INHIBIT SUBSTRATE COMP INPUT CATHODE Current Limit Sense 13 3 2 1 4 6 1.2-V Reference 10 8 7 COL OUT EMIT OUT ANODE Oscillator † BASE and BASE DRIVE are used for device testing only. They normally are not used in circuit applications of the device. |
Similar Part No. - TL497AN |
|
Similar Description - TL497AN |