Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTR-622-SM-LS-A-HP-ST Datasheet(PDF) 7 Page - OPLINK Communications Inc.

Part # DTR-622-SM-LS-A-HP-ST
Description  Multi-rate OC-12/STM-4 Single mode SFF Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-622-SM-LS-A-HP-ST Datasheet(HTML) 7 Page - OPLINK Communications Inc.

  DTR-622-SM-LS-A-HP-ST Datasheet HTML 1Page - OPLINK Communications Inc. DTR-622-SM-LS-A-HP-ST Datasheet HTML 2Page - OPLINK Communications Inc. DTR-622-SM-LS-A-HP-ST Datasheet HTML 3Page - OPLINK Communications Inc. DTR-622-SM-LS-A-HP-ST Datasheet HTML 4Page - OPLINK Communications Inc. DTR-622-SM-LS-A-HP-ST Datasheet HTML 5Page - OPLINK Communications Inc. DTR-622-SM-LS-A-HP-ST Datasheet HTML 6Page - OPLINK Communications Inc. DTR-622-SM-LS-A-HP-ST Datasheet HTML 7Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
21737-0375, Rev. B
06-12-2003
Optical Communication Products, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Optical Communication
Products, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Optical Communication Products, Inc. for its use nor for any infringements of
third parties which may result from its use. No license is granted by implication or otherwise under any patent right of Optical Communication Products, Inc.
Optical Communication Products, Inc.
20961 Knapp Street, Chatsworth, CA 91311, Tel.: 818-701-0164, FAX: 818-701-1468, http://www.ocp-inc.com
OC-12/STM-4 LC Single Mode Transceiver: DTR-622-SM-LC/LS-MR
Distance Option1
specifies the range for Center Wavelength &
Spectral Width to be compliant
with SONET/SDH standard
SR
: SR-1 / I-4
distance 12/2 km
IR
: IR-1 / S-4.1
21/15 km2
LR1 : LR-1 / L-4.1
42/40 km3
LR2 : LR-2 / L-4.2
85/80 km4
Ordering Information
DTR - 622 - SM - Lx -T- Ln - D - Mpxy - MR - S1
Temperature Range
“Blank” : - 5°C to +70 °C
“A”
: - 40°C to +85°C
1These are target distances to be used for classification and not for specification, per Telcordia GR-253-CORE/ITU-T Recommendation G.957
2The DTR-622-SM-Lx-T-L3-IR-Mpxy-MR modules are fully compliant with OC-12/STM-4 Intermediate Reach IR-1/S-4.1
SONET/SDH standard for distance of 21/15 km.
3The DTR-622-SM-Lx-T-HP-LR1-Mpxy-MR are fully compliant with OC-12/STM-4 Long Reach 1310 nm LR1/L-4.1 SONET/SDH
standard. They use DFB lasers to satisfy the requirement for Center Wavelength & Spectral Width.
4The DTR-622-SM-Lx-T-HP-LR2-Mpxy-MR are fully compliant with OC-12/STM-4 Long Reach 1550 nm LR-2/L-4.2 SONET/SDH standard.
Both modules use DFB lasers. However, the DTR-622-SM-Lx-A-HP-LR2-Mpxy-MR is specified only over -25°C to +70°C.
Light Output Option
HP: (- 3 dBm to +2 dBm) for LR1 or LR2 option
L3: (- 15 dBm to - 8.0 dBm) for SR or IR option
Connector
LC : w/o EMI Shield
LS : w/ EMI Shield
see Pin Length
Option Table
Pin Length Option Table
Options
(P)
Pin Length (x)
Post Length (y)
Inches
Millimeters
Inches
Millimeters
M
0.140 + 0.010
3.56 + 0.250
0.125 + 0.010
- 0.005
3.17 + 0.250
- 0.125
M5
0.155 + 0.010
3.94 + 0.250
0.155 + 0.010
- 0.005
3.94 + 0.250
- 0.125
M8
0.180 + 0.010
4.57 + 0.250
0.180 + 0.010
4.57 + 0.250
Transmitter Termination
“Blank” : Internal
“S” : External
Signal Detect Option
“Blank” : LV-TTL
“E” : LV-PECL
Extended Shield Option
“Blank” : NONE
“S1”: Extended EMI shield


Similar Part No. - DTR-622-SM-LS-A-HP-ST

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-622-SM-LS-MR OPLINK-DTR-622-SM-LS-MR Datasheet
225Kb / 7P
   Single mode SFF Transceivers
More results

Similar Description - DTR-622-SM-LS-A-HP-ST

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPU12XXXX000E2G OPLINK-TRPU12XXXX000E2G Datasheet
548Kb / 5P
   Multi-Rate OC-12/STM-4 SFP Transceivers
TRPA12MCWDM OPLINK-TRPA12MCWDM Datasheet
480Kb / 5P
   Multi-rate OC-12/STM-4 SFP CWDM Single Mode Transceivers withDigital Diagnostics
TRPA12MSM OPLINK-TRPA12MSM Datasheet
512Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRXA12M OPLINK-TRXA12M Datasheet
464Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRPE12AS1C000E2 OPLINK-TRPE12AS1C000E2 Datasheet
453Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRXA12MM OPLINK-TRXA12MM Datasheet
425Kb / 5P
   Multi-rate OC-12/STM-4 SFP Multimode Transceivers with Digital Diagnostics
DTR2488SM2LCL0IR2 OPLINK-DTR2488SM2LCL0IR2 Datasheet
204Kb / 6P
   OC-48/STM-16 2x10 SFF Single Mode CWDM Transceivers
TRPE48-E2G OPLINK-TRPE48-E2G Datasheet
662Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers
logo
Broadcom Corporation.
AFCT-5944LZ BOARDCOM-AFCT-5944LZ Datasheet
480Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
AFCT-5942XXXZ BOARDCOM-AFCT-5942XXXZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com