Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL497APW Datasheet(PDF) 6 Page - Texas Instruments

Part # TL497APW
Description  SWITCHING VOLTAGE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL497APW Datasheet(HTML) 6 Page - Texas Instruments

  TL497APW Datasheet HTML 1Page - Texas Instruments TL497APW Datasheet HTML 2Page - Texas Instruments TL497APW Datasheet HTML 3Page - Texas Instruments TL497APW Datasheet HTML 4Page - Texas Instruments TL497APW Datasheet HTML 5Page - Texas Instruments TL497APW Datasheet HTML 6Page - Texas Instruments TL497APW Datasheet HTML 7Page - Texas Instruments TL497APW Datasheet HTML 8Page - Texas Instruments TL497APW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TL497A
SWITCHING VOLTAGE REGULATORS
SLVS009D – JUNE 1976 – REVISED JULY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
DESIGN EQUATIONS
I
(PK) +
2I
O
max
L(
mH) +
V
I
–V
O
I
(PK)
ton(ms)
C
T
(pF)
[ 12 ton(ms)
R1
+ (V
O
–1.2 V) k
W
Choose L (50 to 500
µH), calculate
ton (10 to 150 µs)
R
CL +
0.5 V
I
(PK)
C
O
(
mF) [ ton(ms)
V
I *
V
O
V
O
I
(PK) )
I
O
V
ripple
(PK)
VI
RCL
8
10
13
14
TL497A
1
2
345
6
7
R2 = 1.2 k
R1
CO
VO
VI
RCL
14
13
10
8
12
3
4
5
6
7
TL497A
L
R1
R2 = 1.2 k
EXTENDED POWER CONFIGURATION
(using external transistor)
L
VO
CO
CT
CT
BASIC CONFIGURATION
(Peak Switching Current = I(PK) < 500 mA)
Figure 2. Positive Regulator, Step-Down Configurations


Similar Part No. - TL497APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL497A TI-TL497A Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
TL497A TI-TL497A Datasheet
830Kb / 20P
[Old version datasheet]   500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
TL497AC TI-TL497AC Datasheet
248Kb / 11P
[Old version datasheet]   SWITCHING VOLTAGE REGULATORS
TL497ACD TI-TL497ACD Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
TL497ACD TI-TL497ACD Datasheet
830Kb / 20P
[Old version datasheet]   500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
More results

Similar Description - TL497APW

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK1509-XX IKSEMICON-IK1509-XX Datasheet
103Kb / 6P
   Switching Voltage Regulators
IL2596-XX IKSEMICON-IL2596-XX Datasheet
587Kb / 12P
   Switching Voltage Regulators
logo
Toshiba Semiconductor
TK17A25D TOSHIBA-TK17A25D Datasheet
223Kb / 9P
   Switching Voltage Regulators
TK20E60U TOSHIBA-TK20E60U Datasheet
250Kb / 9P
   Switching Voltage Regulators
TK65A10N1 TOSHIBA-TK65A10N1 Datasheet
243Kb / 9P
   Switching Voltage Regulators
TK6A45DA TOSHIBA-TK6A45DA Datasheet
233Kb / 9P
   Switching Voltage Regulators
TK6Q60W TOSHIBA-TK6Q60W Datasheet
247Kb / 10P
   Switching Voltage Regulators
TK100E08N1 TOSHIBA-TK100E08N1 Datasheet
251Kb / 9P
   Switching Voltage Regulators
TK8P60W TOSHIBA-TK8P60W Datasheet
301Kb / 10P
   Switching Voltage Regulators
TK16N60W TOSHIBA-TK16N60W Datasheet
255Kb / 10P
   Switching Voltage Regulators
TK40M60U TOSHIBA-TK40M60U Datasheet
249Kb / 9P
   Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com