Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFOI100200CW251 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # CFOI100200CW251
Description  Optical Interleaver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

CFOI100200CW251 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  CFOI100200CW251 Datasheet HTML 1Page - OPLINK Communications Inc. CFOI100200CW251 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S0460 - R01. (web) 20140711
Product Description
Features
CFOI100 Series
Min
Typical
Max
Unit
Center Wavelength Range
C-Band
1529.55
1561.42
nm
L-Band
1569.59
1604.03
nm
Center Frequency Range
C-Band
192000
196000
Ghz
L-Band
186900
191000
GHz
Channel Center Wavelength
ITU Grid
Input Channel Spacing
100
GHz
Output Channel Spacing
200
GHz
Clear Bandwidth
± 15
GHz
Insertion Loss [1]
1.2
1.8
dB
Ripple
0.2
0.4
dB
Insertion Loss Uniformity
0.3
0.5
dB
Adjacent Channel Isolation
23
25
dB
Polarization Dependent Loss (PDL)
0.2
0.3
dB
Polarization Mode Dispersion (PMD)
0.2
0.3
ps
Chromatic Dispersion
- 20
+ 20
ps/nm
Return Loss
40
45
dB
Directivity
50
55
dB
Operating Power Handling
24
dBm
Operating Temperature
0 to +65
°C
Storage Temperature
-40 to +85
°C
Fiber Type
G.657.A1 or equivalent
Package Dimensions [3]
100.5 (L) x 60.0 (W) x10.3 (H)
mm
Applications
Performance Specificationns
Note:
[1] The maximum IL is under all states of polarization and within the full operating temperature and wave-
length ranges specified.
[2] All spec excluding connectors
[3] The mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom specified.
Green 100GHz Compact Fiber
Optical Interleaver
CFOI100 Series
Oplink’s compact, low-dispersion interleavers greatly expand wavelength
channel counts in DWDM systems. Oplink’s DWDM interleavers feature
excellent wide, flat passbands and high isolation. Both mux and demux func-
tions are supported. Interleavers are athermal and do not require tempera-
ture control.
Low Insertion Loss
High Isolation
Low Dispersion
Highly Stable & Reliable
Epoxy-Free Optical Path
Compact Size
Completely Passive
Athermal Design
DWDM Systems
Extend Network Capacity


Similar Part No. - CFOI100200CW251

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CFOI100200CE12 OPLINK-CFOI100200CE12 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100200CE121 OPLINK-CFOI100200CE121 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100200CE122 OPLINK-CFOI100200CE122 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100200CE123 OPLINK-CFOI100200CE123 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100200CE124 OPLINK-CFOI100200CE124 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
More results

Similar Description - CFOI100200CW251

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CFOI050100CE111 OPLINK-CFOI050100CE111 Datasheet
238Kb / 2P
   50GHz Compact Fiber Optical Interleaver
CFOI100 OPLINK-CFOI100 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100-S0005 OPLINK-CFOI100-S0005 Datasheet
218Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI025 OPLINK-CFOI025 Datasheet
192Kb / 2P
   25GHz Compact Fiber Optical Interleaver
CFOI050 OPLINK-CFOI050 Datasheet
347Kb / 2P
   50GHz Compact Fiber Optical Interleaver
CFOI025-S0387 OPLINK-CFOI025-S0387 Datasheet
192Kb / 2P
   Green 25GHz Compact Fiber Optical Interleaver
CFOI050-S0004 OPLINK-CFOI050-S0004 Datasheet
347Kb / 2P
   Green 50GHz Compact Fiber Optical Interleaver
logo
Finisar Corporation.
FINF050-100CLA1 FINISAR-FINF050-100CLA1 Datasheet
164Kb / 2P
   50GHz Interleaver
logo
Applied Micro Circuits ...
CS19201 AMCC-CS19201 Datasheet
88Kb / 2P
   STS-192 SONET/SDH Interleaver/Disinterleaver
logo
Hamamatsu Corporation
A11213 HAMAMATSU-A11213 Datasheet
1Mb / 28P
   Optical Components for Optical Measurement
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com