Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTR-1250-SM2-LS-L1-M Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # DTR-1250-SM2-LS-L1-M
Description  3.3V 2x10 LC connector SFF Gigabit Ethernet 1300 & 1550 nm Laser Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-SM2-LS-L1-M Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  DTR-1250-SM2-LS-L1-M Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-SM2-LS-L1-M Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-SM2-LS-L1-M Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-SM2-LS-L1-M Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-SM2-LS-L1-M Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
21737-0283, Rev.A
06-25-03
Transmitter Electrical Interface (over Operating Case Temperature Range)
Receiver Electrical Interface (over Operating Case Temperature Range)
DTR-1250-SM2-LC & DTR-1250-SM2-LS
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output HIGH Voltage (LV-PECL) 1
VOH
VCC - 1.10
-
VCC - 0.70
V
Output LOW Voltage (LV-PECL) 1
VOL
VCC - 1.95
-
VCC - 1.50
V
Output HIGH Voltage (LV-TTL)
VOH
2.4
-
VCC
Output LOW Voltage (LV-TTL)
VOL
0-
0.8
Output Current
IO
--
25
mA
1 With 50 ohm terminated to V
CC - 2 volts.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input HIGH Voltage
VIH
VCC - 1.165
-
VCC - 0.880
V
Input LOW Voltage
VIL
VCC - 1.810
-
VCC - 1.475
V
Data Input Current - HIGH
IH
-
-
150
µA
Data Input Current - LOW
IL
0.5
-
-
µA
Transmitter Disable Voltage
VDIS
2.0
-
VCC
V
Transmitter Enable Voltage
VEN
0-
0.8
V
Differential Bias Monitor Voltage (Ta = 25°C)
VBM+ - VBM-
0.02
-
0.12
V
Differential Back Facet Monitor Voltage
VFM+ - VFM-
-100
-
mV
PIN
FUNCTION
PIN
FUNCTION
1
VPD
11 VCCTX
2
RX GND
12
TX GND
3
RX GND
13
TX DISABLE
4
N/C
14
TD+ (TX DATA IN +)
5
N/C
15
TD- (TX DATA IN -)
6
RX GND
16
TX GND
7VCCRX
17
BM - (BIAS MONITOR -)
8
SD (RX SIGNAL
DETECT)
18
BM + (BIAS MONITOR +)
9
RD- ( RX DATA OUT-)
19
FM - (FACET MONITOR -)
10
RD+ ( RX DATA OUT+)
20
FM + (FACET MONITOR +)
Pin Assignments
Transmitter: When the DATA+ input is at logic HIGH and
DATA- input is at logic LOW, the Laser Diode is ON; and vice
versa. The transmitter is normally enabled (i.e. when the TX
DISABLE control input is not connected). When the TX
DISABLE control input voltage is higher than V
CC - 1.3 V, the
laser is turned off independent of the input data.
The transmitter incorporates an Average Power Control (APC)
loop to stabilize the transmitter average optical output power
against temperature variation. The APC loop always acts to
keep the transmitter average optical output power at a constant
value. Therefore, when the input data is all continuous “zeroes”
or all continuous “ones”, the transmitter optical output power
is a constant level equal to thenominal average optical output
power (not at the “OFF” level or at the “ON” level).
200 Ω
10 Ω
PD
Imon
Ib
LD
3 ΚΩ
3 ΚΩ
FM +
BM +
VCC
VCC
GND
GND
FM
-
BM
-
3 ΚΩ
3 ΚΩ
Application Notes
Receiver: Both differential DATA+ and DATA- outputs are LV-
PECL levels requiring proper termination (see recommended
interface circuits). For optimum performance, both outputs
should be terminated in the same manner, even if only one is
used.
The Signal Detect circuit monitors the level of the incoming
optical signal and generates a logic LOW signal when insufficient
photocurrent is produced. If the SIGNAL DETECT output is
LV-TTL level, no termination is required. If the SIGNALDETECT
output is LV-PECL level, a termination resistor of 160 ohms to
GND is required.


Similar Part No. - DTR-1250-SM2-LS-L1-M

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM2-LS OPLINK-DTR-1250-SM2-LS Datasheet
208Kb / 5P
   Laser Transceivers
More results

Similar Description - DTR-1250-SM2-LS-L1-M

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-LC OPLINK-DTR-1250-SM-LC Datasheet
698Kb / 5P
   3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
DTR-1250-SM-LC-CWDM OPLINK-DTR-1250-SM-LC-CWDM Datasheet
698Kb / 5P
   3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
logo
Optoway Technology Inc
TRSL-7350W OPTOWAY-TRSL-7350W Datasheet
156Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-33120WG OPTOWAY-TRSL-33120WG Datasheet
159Kb / 5P
   3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9380FW OPTOWAY-TRSL-9380FW Datasheet
156Kb / 5P
   3.3V / 1550 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W OPTOWAY-TRSL-7380W Datasheet
156Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-3380WG OPTOWAY-TRSL-3380WG Datasheet
159Kb / 5P
   3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-33100WG OPTOWAY-TRSL-33100WG Datasheet
158Kb / 5P
   3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9340WG OPTOWAY-TRSL-9340WG Datasheet
160Kb / 5P
   3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5380WG OPTOWAY-TRSL-5380WG Datasheet
158Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Complaint SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com