Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTR-1250-SM-GB-H8-HS-C570 Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # DTR-1250-SM-GB-H8-HS-C570
Description  Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-SM-GB-H8-HS-C570 Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  DTR-1250-SM-GB-H8-HS-C570 Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-HS-C570 Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-HS-C570 Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-HS-C570 Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-HS-C570 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
21737-0609, Rev. C
04/05/2006
DTR-1250-SM-GB-H8-HS-CWDM-MR
Receiver Electrical Interface (over Operating Case Temperature, V
CC = 4.75 to 5.25V)
Module Definition
Electrical Power Supply Characteristics (over Operating Case Temperature, V
CC = 4.75 to 5.25V)
Transmitter Electrical Interface (over Operating Case Temperature, V
CC = 4.75 to 5.25V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
VDD
4.75
5.0
5.25
V
Supply Current
IDD
-
230
300
mA
Module
Definition
MOD_DEF(0)
pin 4
MOD_DEF(1)
pin 5
MOD_DEF(2)
pin 6
Interpretation by Host
4
TTL LOW
SCL
SDA
Serial module definition protocol
Pin Assignments
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input Voltage Swing (+TX_DAT & -TX_DAT)1
VPP-DIF
0.65
-
2.0
V
Input HIGH Voltage (TX_DISABLE)2
VIH
2-
VDD + 0.3
V
Input LOW Voltage (TX_DISABLE)2
VIL
0-
0.5
V
Output HIGH Voltage (TX_FAULT)3
VOH
VCC - 0.5
-
VCC + 0.3
V
Output LOW Voltage (TX_FAULT)3
VOL
0-
0.5
V
1Differential peak-to-peak voltage.
2There is an internal 5.1kΩ pull-up resistor to VDDT.
3Open collector compatible, 4.7 to 10kΩ pull-up resistor to VCC (Host Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Voltage Swing (+RX_DAT & -RX_DAT)1
VPP-DIF
0.60
-
2.0
V
Output HIGH Voltage (RX_LOS)
2
VOH
VCC - 0.5
-
VCC + 0.3
V
Output LOW Voltage (RX_LOS)
2
VOL
0-
0.5
V
1Differential peak-to-peak voltage across external 150Ω load.
2Open collector compatible, 4.7 to 10kΩ pull-up resistor to VCC (Host Supply Voltage).
PIN
FUNCTION
PIN
FUNCTION
1
RX_LOS (RX LOSS OF SIGNAL)
11
RGND (RX GROUND)
2
RGND (RX GROUND)
12
-RX_DAT (RX DATA OUT-)
3
RGND (RX GROUND)
13
+RX_DAT (RX DATA OUT+)
4
MOD_DEF(0)
14
RGND (RX GROUND)
5
MOD_DEF(1)
15
VDDR (RX SUPPLY VOLTAGE)
6
MOD_DEF(2)
16
VDDT (TX SUPPLY VOLTAGE)
7
TX_DISABLE
17
TGND (TX GROUND)
8
TGND (TX GROUND)
18
+TX_DAT (TX DATA IN+)
9
TGND (TX GROUND)
19
-TX_DAT (TX DATA IN-)
10
TX_FAULT
20
TGND (TX GROUND)


Similar Part No. - DTR-1250-SM-GB-H8-HS-C570

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-H8-HS OPLINK-DTR-1250-SM-GB-H8-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR-1250-SM-GB-H8-HS OPLINK-DTR-1250-SM-GB-H8-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
More results

Similar Description - DTR-1250-SM-GB-H8-HS-C570

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-H7-C470-I OPLINK-DTR-1250-SM-GB-H7-C470-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-CWDM-I OPLINK-DTR-1250-SM-GB-CWDM-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR1250SMGBHS OPLINK-DTR1250SMGBHS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR-1250-SM-GB-HS OPLINK-DTR-1250-SM-GB-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPEG1KVX-G OPLINK-TRPEG1KVX-G Datasheet
328Kb / 6P
   Very Long Haul Multi-rate Gigabit Ethernet
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-I OPLINK-DTR-1250-SM-GB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
logo
Finisar Corporation.
FTL-1621-47 FINISAR-FTL-1621-47 Datasheet
94Kb / 9P
   Multi-Rate CWDM GBIC Transceiver with APD Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com