Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTR2488SM2LCHPIR2 Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # DTR2488SM2LCHPIR2
Description  OC-48/STM-16 2x10 SFF Single Mode CWDM Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR2488SM2LCHPIR2 Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  DTR2488SM2LCHPIR2 Datasheet HTML 1Page - OPLINK Communications Inc. DTR2488SM2LCHPIR2 Datasheet HTML 2Page - OPLINK Communications Inc. DTR2488SM2LCHPIR2 Datasheet HTML 3Page - OPLINK Communications Inc. DTR2488SM2LCHPIR2 Datasheet HTML 4Page - OPLINK Communications Inc. DTR2488SM2LCHPIR2 Datasheet HTML 5Page - OPLINK Communications Inc. DTR2488SM2LCHPIR2 Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
21737-0266, Rev. D
07-06-2005
DTR-2488-SM2-LC/LS-W-G-CWDM
Fig.1 DC-coupled modules
Fig.2 AC-coupled modules
Receiver Power Monitor option 1
Receiver Power Monitor option 2
Vcc
806Ω
1
DTR-2488
External resistor
Recommended external current
monitor resistor value is 1k
RPM
806
Vcc
1
DTR-2488
R1
R1
R2
AD8551 or
equivalent
2N3906 or
equivalent
R1: 510
R2: 2k
recommended
+
+
1 H coil or
ferrite inductor
µ
1 H coil or
ferrite inductor
µ
TD+
TD-
RD-
RD+
0.1
0.1
10
10
0.1
160
160
160
160
100
Capacitor values in F, Resistor values in
µΩ
LV-PECL
50
line
LV-PECL
12,16
2,3,6
10
9
11
7
8
SIGNAL DETECT
1
Vcc
+3.3V
chassis
ground
GND
POSTS
15
14
100
RPM
(see Power Monitor Options)
50
line
50
line
50
line
+
1 H coil or
ferrite inductor
µ
1 H coil or
ferrite inductor
µ
TD+
TD-
RD-
RD+
0.1
10
0.1
160
160
100
Capacitor values in F, Resistor values in
µΩ
SERDES
12,16
2,3,6
10
9
15
14
11
7
8
SIGNAL DETECT
GND
POSTS
chassis
ground
depends on SERDES
100
depends on SERDES
0.1
+
10
1
RPM
(see Power Monitor Options)
50
line
50
line
50
line
50
line
Vcc
+3.3V
Application Notes
DATA interface (DC-coupled modules): The interface
circuit for standard DC-coupled modules with direct-coupled
LV-PECL interface is shown in Fig. 1. The transmitter input
has internal 50
Ω termination.
DATA interface (AC-coupled modules): For modules with
AC coupling option, both transmitter and receiver interfaces
have internal bias, 50
Ω termination andAC coupling capacitors.
The transmitter can be connected directly to the driving
SERDES as shown in Fig. 2. The receiver can be connected
directly to the external 50
Ω loads (termination resistor of the
SERDES). For best performance, both DATA+ & DATA-
should be used.
SIGNAL DETECT: The SIGNAL DETECT circuit monitors
the incoming optical signal level and generates a logic LOW
signal when an insufficient photocurrent is produced. The output
is LV-TTL with no termination required.
TX DISABLE: The transmitter is normally enabled (i.e. when
the TX DISABLE control input is not connected). When the
TX DISABLE control input voltage is higher than VCC - 1.3V,
the laser is turned off independent of the input data.
Power supply and grounding: The power supply line should
be well-filtered. All 0.1
µF power supply bypass capacitors
should be as close to the DTR transceiver module as possible.
The module case ground is internally AC-coupled to the circuit
ground.
DTR-2488-SM2
DTR-2488-SM2


Similar Part No. - DTR2488SM2LCHPIR2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-MM OPLINK-DTR-1250-MM Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-AC OPLINK-DTR-1250-MM-AC Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-AE OPLINK-DTR-1250-MM-AE Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-ES OPLINK-DTR-1250-MM-ES Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
DTR-1250-MM-FA OPLINK-DTR-1250-MM-FA Datasheet
273Kb / 6P
   Gigabit Ethernet 850 nm VCSEL Transceivers
More results

Similar Description - DTR2488SM2LCHPIR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-5944LZ BOARDCOM-AFCT-5944LZ Datasheet
480Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Finisar Corporation.
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
logo
Broadcom Corporation.
AFCT-5942XXXZ BOARDCOM-AFCT-5942XXXZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Broadcom Corporation.
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Finisar Corporation.
FTRJ1321S1GTL FINISAR-FTRJ1321S1GTL Datasheet
499Kb / 10P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTLF1321S1GTL FINISAR-FTLF1321S1GTL Datasheet
252Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
logo
OPLINK Communications I...
DTR-2488-SM2-LC-W-G-MR OPLINK-DTR-2488-SM2-LC-W-G-MR Datasheet
202Kb / 6P
   2x10 SFF Single Mode Transceivers
logo
Finisar Corporation.
FTLF1621S1XCL FINISAR-FTLF1621S1XCL Datasheet
238Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTLF1721S1XCL FINISAR-FTLF1721S1XCL Datasheet
231Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com