Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTR-1250-SM-GB-H8-C550-I Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # DTR-1250-SM-GB-H8-C550-I
Description  5V Long Haul CWDM GBIC Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-SM-GB-H8-C550-I Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  DTR-1250-SM-GB-H8-C550-I Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-C550-I Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-C550-I Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-C550-I Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-C550-I Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
21737-0395, Rev. A
01/09/2004
OCP
DTR-1250-SM-GB-CWDM-I
5V Long Haul CWDM GBIC Transceivers
Features
Up to 70km with Single Mode Fiber
Eight (8) Wavelength CWDM Transceivers
Compliant with GBIC Specification, Rev. 5.5
Compatible with IEEE 802.3z 1000BASE-LX
Specifications for Gigabit Ethernet
Compatible with Optical Interface Requirements in
Annex F of GBIC Specification, Rev. 5.5
Compliant with GBIC Serial Module Definition
Protocol (Module Definition 4 in Annex D)
Hot-pluggable
Excellent EMI & ESD Protection
Eye Safe (Class I or 1M Laser Safety)
Duplex SC Optical Interface
Single +5V Power Supply
Up to 1250Mb/s Bi-directional Data Links
The DTR-1250-SM-GB-CWDM-I product family of
GBICs provides long haul, single mode solutions for
1000BASE-LX Gigabit Ethernet ports in a networking
switch. The transceivers are offered with two optical link
power budget options to support 62km (H7) and 70km
(H8) in the networking infrastructure and are available
in eight (8) wavelengths: 1470nm, 1490nm, 1510nm,
1530nm, 1550nm, 1570nm, 1590nm and 1610nm. Both
options use 1550nm DFB lasers to provide minimum optical
link power budgets of 22dB and 24dB. They correspond
to transmission distances of 62km and 70km, respectively,
assuming a total connector/splice/CWDM mux and demux
loss of 4.5dB, allocated system penalty of 2dB and fiber
Description
Optical Communication Products, Inc.
Absolute Maximum Ratings
loss of 0.25dB/km. All transceivers are Class I Laser
products per U.S. FDA/CDRH standards. The “H7”
transceivers are Class I Laser products while the “H8”
transceivers are Class 1M Laser products per international
IEC-825 standards.
The DTR-1250-SM-GB-CWDM-I transceivers connect
to standard 20-pad GBIC connectors for hot plug capability.
This allows the system designer to make configuration
changes or maintenance by simply plugging in different
types of GBICs without removing the power supply from
the host system.
The transceivers operate from a single +5V power supply
over an operating case temperature range of -5°C to +70°C.
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
Tst
- 40
+ 85
°C
Operating Case Temperature
Top
- 5
+ 70
°C
Supply Voltage
VDD
0+ 6.0
V
Input Voltage
Vin
0
VDD
V


Similar Part No. - DTR-1250-SM-GB-H8-C550-I

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-H8-C550-I OPLINK-DTR-1250-SM-GB-H8-C550-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
More results

Similar Description - DTR-1250-SM-GB-H8-C550-I

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-CWDM-I OPLINK-DTR-1250-SM-GB-CWDM-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR1250SMGBHS OPLINK-DTR1250SMGBHS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR-1250-SM-GB-HS OPLINK-DTR-1250-SM-GB-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-I OPLINK-DTR-1250-SM-GB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
logo
Optoway Technology Inc
GBS-7250-CXX0G OPTOWAY-GBS-7250-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-72120-CXX0G OPTOWAY-GBS-72120-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com