Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTR-1250-SM-GB-H8-C590-I Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # DTR-1250-SM-GB-H8-C590-I
Description  5V Long Haul CWDM GBIC Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-SM-GB-H8-C590-I Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  DTR-1250-SM-GB-H8-C590-I Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-C590-I Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-C590-I Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-C590-I Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-C590-I Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
21737-0395, Rev. A
01/09/2004
Optical Communication Products, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Optical Communication
Products, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Optical Communication Products, Inc. for its use nor for any infringements of
third parties which may result from its use. No license is granted by implication or otherwise under any patent right of Optical Communication Products, Inc.
DTR-1250-SM-GB-CWDM-I
Package Outline
Optical Communication Products, Inc.
6101 Variel Avenue, Woodland Hills, CA 91367, Tel.: 818-251-7100, FAX: 818-251-7111, www.ocp-inc.com
12.7
.500
8.18
.322
8.9
.35
10.06 -0.20
+0.04
.396 -.008
+.002
12
.472
58 MAX
2.28 MAX
13.54 MAX
.533 MAX
3.05 0.05
.120 .002
GUIDE SLOTS WIDTH
27.7
1.09
GUIDE
SLOTS
HEIGHT
1.63 -0.10
0
.064 -.004
+.000
PIN 1
PIN 10
PIN 20
37.1 MAX
1.46 MAX
30.48 -0.13
0
1.200 -.005
+.000
25.4
1.000
2X
1
.04
2X
1.27-0.10
0
.050 -.004
+.000
+
+
Dimensions in inches [mm]
Default tolerances:
.xxx = + .005”, .xx = + .01”
Ordering Information
© 2004, Optical Communication Products, Inc.
Model Name
Nominal Wavelength
(nm)
22dB Link Budget
(62km Distance)1, 2
24dB Link Budget
(70km Distance)1, 2
DTR-1250-SM-GB-H7-C470-I
DTR-1250-SM-GB-H8-C470-I
1470
DTR-1250-SM-GB-H7-C490-I
DTR-1250-SM-GB-H8-C490-I
1490
DTR-1250-SM-GB-H7-C510-I
DTR-1250-SM-GB-H8-C510-I
1510
DTR-1250-SM-GB-H7-C530-I
DTR-1250-SM-GB-H8-C530-I
1530
DTR-1250-SM-GB-H7-C550-I
DTR-1250-SM-GB-H8-C550-I
1550
DTR-1250-SM-GB-H7-C570-I
DTR-1250-SM-GB-H8-C570-I
1570
DTR-1250-SM-GB-H7-C590-I
DTR-1250-SM-GB-H8-C590-I
1590
DTR-1250-SM-GB-H7-C610-I
DTR-1250-SM-GB-H8-C610-I
1610
1The indicated transmission distance is for guidelines only, not guaranteed. The exact distance is dependent on the fiber loss, connector/splice/
CWDM mux and demux loss and allocated system penalty. Longer distances can be supported if the optical link power budget is satisfied.
2Assuming a total connector/splice/CWDM mux and demux loss of 4.5dB, allocated system penalty of 2dB and fiber loss of 0.25dB/km.


Similar Part No. - DTR-1250-SM-GB-H8-C590-I

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-H8-C590-I OPLINK-DTR-1250-SM-GB-H8-C590-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
More results

Similar Description - DTR-1250-SM-GB-H8-C590-I

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-CWDM-I OPLINK-DTR-1250-SM-GB-CWDM-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR1250SMGBHS OPLINK-DTR1250SMGBHS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR-1250-SM-GB-HS OPLINK-DTR-1250-SM-GB-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-I OPLINK-DTR-1250-SM-GB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
logo
Optoway Technology Inc
GBS-7250-CXX0G OPTOWAY-GBS-7250-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
GBS-72120-CXX0G OPTOWAY-GBS-72120-CXX0G Datasheet
89Kb / 5P
   5V / CWDM / 1.25 Gbps Single-Mode Gigabit Interface Converter (GBIC)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com