Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL598D Datasheet(PDF) 6 Page - Texas Instruments

Part # TL598D
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL598D Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL598D Datasheet HTML 2Page - Texas Instruments TL598D Datasheet HTML 3Page - Texas Instruments TL598D Datasheet HTML 4Page - Texas Instruments TL598D Datasheet HTML 5Page - Texas Instruments TL598D Datasheet HTML 6Page - Texas Instruments TL598D Datasheet HTML 7Page - Texas Instruments TL598D Datasheet HTML 8Page - Texas Instruments TL598D Datasheet HTML 9Page - Texas Instruments TL598D Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TL598
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS053C – FEBRUARY 1988 – REVISED JULY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 15 V
(unless otherwise noted)
switching characteristics, TA = 25°C (see Note 4)
PARAMETER
TEST CONDITIONS
TL598C, TL598Q
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output-voltage rise time
CL = 1500 pF,
VC = 15 V,
VCC = 15 V,
60
150
ns
Output-voltage fall time
See Figure 2
35
75
ns
NOTE 4. Pulse-testing techniques must be used that maintain the junction temperature as close to the ambient temperature as possible.
electrical characteristics, VCC = 15 V, TA = 25°C
reference section (see Note 4)
PARAMETER
TEST CONDITIONS
TL598Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output voltage (REF)
IO = 1 mA
5
V
Input regulation
VCC = 7 V to 40 V
2
mV
Output regulation
IO = 1 mA to 10 mA
1
mV
Output-voltage change with temperature
2
mV/V
Short-circuit output current‡
REF = 0 V
–48
mA
† All typical values except for parameter changes with temperature are at TA = 25°C.
‡ Duration of the short circuit should not exceed one second.
NOTE 4. Pulse-testing techniques that maintain the junction temperature as close to the ambient temperature as possible must be used.
oscillator section, CT = 0.001 µF, RT = 12 kΩ (see Figure 1) (see Note 4)
PARAMETER
TEST CONDITIONS
TL598Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
100
kHz
Standard deviation of frequency§
All values of VCC, CT, RT, TA constant
100
Hz/kHz
Frequency change with voltage
VCC = 7 V to 40 V,
1
Hz/kHz
§ Standard deviation is a measure of the statistical distribution about the mean as derived from the formula:
s +
N
n
+1
xn–X
2
N–1
NOTE 4. Pulse-testing techniques that maintain the junction temperature as close to the ambient temperature as possible must be used.
error amplifier section (see Note 4)
PARAMETER
TEST CONDITIONS
TL598Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input offset voltage
Feedback = 2.5 V
2
mV
Input offset current
Feedback = 2.5 V
25
nA
Input bias current
Feedback = 2.5 V
0.2
µA
Open-loop voltage amplification
∆VO (FEEDBACK) = 3 V, VO (FEEDBACK) = 0.5 V to 3.5 V
95
dB
Unity-gain bandwidth
800
kHz
Common-mode rejection ratio
VCC = 40 V,
∆VIC = 6.5 V,
80
dB
Output sink current (FEEDBACK)
FEEDBACK = 0.5 V
0.7
mA
Phase margin at unity gain
FEEDBACK = 0.5 V to 3.5 V,
RL = 2 kΩ
65
°
Supply-voltage rejection ratio
FEEDBACK = 2.5 V,
∆VCC = 33 V,
RL = 2 kΩ
100
dB
NOTE 4. Pulse-testing techniques that maintain the junction temperature as close to the ambient temperature as possible must be used.


Similar Part No. - TL598D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL598 TI-TL598 Datasheet
390Kb / 13P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL598 TI-TL598 Datasheet
584Kb / 17P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL598CD TI-TL598CD Datasheet
390Kb / 13P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL598CD TI-TL598CD Datasheet
584Kb / 17P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL598CDE4 TI-TL598CDE4 Datasheet
390Kb / 13P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL598D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com