Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6291CA Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # 1N6291CA
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

1N6291CA Datasheet(HTML) 2 Page - SynSemi, Inc.

  1N6291CA Datasheet HTML 1Page - SynSemi, Inc. 1N6291CA Datasheet HTML 2Page - SynSemi, Inc. 1N6291CA Datasheet HTML 3Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /°C)
1N6267A
1N6267CA
6.45
7.14
10
5.80
1000
143
10.5
0.057
1N6268A
1N6268CA
7.13
7.88
10
6.40
500
132
11.3
0.061
1N6269A
1N6269CA
7.79
8.61
10
7.02
200
124
12.1
0.065
1N6270A
1N6270CA
8.65
9.55
1.0
7.78
50
112
13.4
0.068
1N6271A
1N6271CA
9.50
10.5
1.0
8.55
10
103
14.5
0.073
1N6272A
1N6272CA
10.5
11.6
1.0
9.40
5.0
96.0
15.6
0.075
1N6273A
1N6273CA
11.4
12.6
1.0
10.2
5.0
90.0
16.7
0.078
1N6274A
1N6274CA
12.4
13.7
1.0
11.1
5.0
82.0
18.2
0.081
1N6275A
1N6275CA
14.3
15.8
1.0
12.8
5.0
71.0
21.2
0.084
1N6276A
1N6276CA
15.2
16.8
1.0
13.6
5.0
67.0
22.5
0.086
1N6277A
1N6277CA
17.1
18.9
1.0
15.3
5.0
59.5
25.2
0.088
1N6278A
1N6278CA
19.0
21.0
1.0
17.1
5.0
54.0
27.7
0.090
1N6279A
1N6279CA
20.9
23.1
1.0
18.8
5.0
49.0
30.6
0.092
1N6280A
1N6280CA
22.8
25.2
1.0
20.5
5.0
45.0
33.2
0.094
1N6281A
1N6281CA
25.7
28.4
1.0
23.1
5.0
40.0
37.5
0.096
1N6282A
1N6282CA
28.5
31.5
1.0
25.6
5.0
36.0
41.4
0.097
1N6283A
1N6283CA
31.4
34.7
1.0
28.2
5.0
33.0
45.7
0.098
1N6284A
1N6284CA
34.2
37.8
1.0
30.8
5.0
30.0
49.9
0.099
1N6285A
1N6285CA
37.1
41.0
1.0
33.3
5.0
28.0
53.9
0.100
1N6286A
1N6286CA
40.9
45.2
1.0
36.8
5.0
25.3
59.3
0.101
1N6287A
1N6287CA
44.7
49.4
1.0
40.2
5.0
23.2
64.8
0.101
1N6288A
1N6288CA
48.5
53.6
1.0
43.6
5.0
21.4
70.1
0.102
1N6289A
1N6289CA
53.2
58.8
1.0
47.8
5.0
19.5
77.0
0.103
1N6290A
1N6290CA
58.9
65.1
1.0
53.0
5.0
17.7
85.0
0.104
1N6291A
1N6291CA
64.6
71.4
1.0
58.1
5.0
16.3
92.0
0.104
1N6292A
1N6292CA
71.3
78.8
1.0
64.1
5.0
14.6
103
0.105
1N6293A
1N6293CA
77.9
86.1
1.0
70.1
5.0
13.3
113
0.105
1N6294A
1N6294CA
86.5
95.5
1.0
77.8
5.0
12.0
125
0.106
1N6295A
1N6295CA
95.0
105
1.0
85.5
5.0
11.0
137
0.106
1N6296A
1N6296CA
105
116
1.0
94.0
5.0
9.9
152
0.107
1N6297A
1N6297CA
114
126
1.0
102
5.0
9.1
165
0.107
1N6298A
1N6298CA
124
137
1.0
111
5.0
8.4
179
0.107
1N6299A
1N6299CA
143
158
1.0
128
5.0
7.2
207
0.108
1N6300A
1N6300CA
152
168
1.0
136
5.0
6.8
219
0.108
1N6301A
1N6301CA
162
179
1.0
145
5.0
6.4
234
0.108
1N6302A
1N6302CA
171
189
1.0
154
5.0
6.1
246
0.108
1N6303A
1N6303CA
190
210
1.0
171
5.0
5.5
274
0.108
Notes:
( 1 ) VBR measured after It applied for 300
µs., It = square wave pulse or equivalent.
( 2 ) VF = 3.5 Vmax., IF = 100 Amps. ( 6.8 Volts thru 91 Volts )
VF = 5.0 Vmax., IF = 100 Amps. ( 100 Volts thru 200 Volts ) per 1/2 square or equivalent sine wave.
PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
Page 2 of 3
Rev. 02 : January 28, 2004
Uni-directional
Bi-directional
Type No.


Similar Part No. - 1N6291CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6291CA TRSYS-1N6291CA Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1N6291CA TSC-1N6291CA Datasheet
110Kb / 3P
   Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
1N6291CA ETC1-1N6291CA Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
1N6291CA EIC-1N6291CA Datasheet
80Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
1N6291CA SUNMATE-1N6291CA Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 1N6291CA

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com