Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV36A Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # BYV36A
Description  VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

BYV36A Datasheet(HTML) 2 Page - SynSemi, Inc.

  BYV36A Datasheet HTML 1Page - SynSemi, Inc. BYV36A Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( BYV36A - BYV36E )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60 100
TIE-POINT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005
10 mm. LEAD LENGTH
1.6
1.2
0.8
0.4
2.0
100
10
1.0
24
0
30
0
18
12
6.0
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
TJ = 165
°C
8.3 ms SINGLE HALF SINE WAVE
TJ = TJmax.
D.U.T.
OSCILLOSCOPE
( NOTE 1 )
1
50
10
50 Vdc
(approx)
PULSE
GENERATOR
( NOTE 2 )
TJ = 25
°C
BYV36A; B; C
BYV36D; E
SET TIME BASE FOR 50-100 ns/cm
Trr
+ 0.5
0
- 0.25
- 1.0 A
1
BYV36A; B; C
BYV36D; E


Similar Part No. - BYV36A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV36A PHILIPS-BYV36A Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
logo
Galaxy Semi-Conductor H...
BYV36A BILIN-BYV36A Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Gulf Semiconductor
BYV36A GULFSEMI-BYV36A Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.6A
logo
EIC discrete Semiconduc...
BYV36A EIC-BYV36A Datasheet
56Kb / 2P
   VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
logo
Shenzhen Luguang Electr...
BYV36A LUGUANG-BYV36A Datasheet
179Kb / 2P
   Fast Recovery Rectifiers
More results

Similar Description - BYV36A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYV36A EIC-BYV36A Datasheet
56Kb / 2P
   VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
logo
Vishay Siliconix
BYV26 VISHAY-BYV26 Datasheet
41Kb / 4P
   Very Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
logo
Shenzhen Ping Sheng Ele...
BYV26 PFS-BYV26 Datasheet
242Kb / 3P
   Very Fast Soft-Recovery Avalanche Rectifier
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYD33D EIC-BYD33D Datasheet
47Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
SynSemi, Inc.
BYD33D SYNSEMI-BYD33D Datasheet
31Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37D EIC-BYD37D Datasheet
117Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYW95A NJSEMI-BYW95A Datasheet
155Kb / 1P
   AVALANCHE FAST SOFT - RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com