Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWFC0130P00HP Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # DWFC0130P00HP
Description  Dual Window Single Mode Wideband Fiber Coupler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DWFC0130P00HP Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  DWFC0130P00HP Datasheet HTML 1Page - OPLINK Communications Inc. DWFC0130P00HP Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DWFC
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Insertion Loss (IL) :
0
0
0
Package & Fiber Type
Tap Ratio
Grade
Type
P1 + 250 µm bare fiber = 11
P2 + 900 µm loose tube = 22
P3 + 3 mm cable = 33
50/50 = 50
45/55 = 45
40/60 = 40
35/65 = 35
30/70 = 30
25/75 = 25
20/80 = 20
15/85 = 15
10/90 = 10
05/95 = 05
03/97 = 03
02/98 = 02
01/99 = 01
Premium Grade = P
A Grade = A
1x2 = 1
2x2 = 2
Wavelength
Fiber Length*
1310/1550 nm
0.5 Meter = H
1.0 Meter = 1
1.5 Meters = 5
2.0 Meters = 2
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
Dual Window Single Mode Wideband Fiber Coupler
(1310 nm and 1550 nm band)
DWFC Series
R04.20081212
Notes :
* The tolerance of fiber length is +/-0.1m. 1 meter is standard.
The lead time for special fiber length will be longer.
Coupling Ratio
P Grade
A Grade
IL1 (dB)
PDL2 (dB)
Uniformity
IL1 (dB)
PDL2 (dB)
Uniformity
Signal
Tap
Signal
Tap
Signal
Tap
Signal
Tap
99/1
≤0.25
18.0-22.5
≤0.05 ≤0.20
≤0.25
16.0-23.5
≤0.05 ≤0.20
98/2
≤0.30
16.0-19.0
≤0.05 ≤0.20
≤0.30
14.5-19.0
≤0.05 ≤0.20
97/3
≤0.35
13.5-17.0
≤0.05 ≤0.20
≤0.35
13.0-18.2
≤0.05 ≤0.20
95/5
≤0.45
11.8-15.0
≤0.10 ≤0.20
≤0.45
12.0-16.5
≤0.10 ≤0.20
90/10
≤0.65 9.60-11.30
≤0.10 ≤0.15
≤0.65
9.20-12.2
≤0.10 ≤0.15
85/15
≤0.98
7.80-9.40
≤0.10 ≤0.15
≤0.98
7.80-9.80
≤0.10 ≤0.15
80/20
≤1.25
6.50-7.85
≤0.15 ≤0.15
≤1.25
6.40-8.00
≤0.15 ≤0.15
75/25
≤1.60
5.50-6.80
≤0.15 ≤0.15
≤1.80
5.30-7.00
≤0.15 ≤0.15
70/30
≤2.00
4.70-6.00
≤0.15 ≤0.15
≤1.95
4.50-6.50
≤0.15 ≤0.15
65/35
≤2.10
4.30-5.20
≤0.15 ≤0.15
≤2.30
4.30-5.50
≤0.15 ≤0.15
60/40
≤2.70
3.50-4.70
≤0.15 ≤0.15
≤2.80
3.20-5.00
≤0.15 ≤0.15
55/45
≤3.00
3.00-4.20
≤0.15 ≤0.15
≤3.20
2.80-4.50
≤0.15 ≤0.15
50/50
2.70-3.60
≤0.15
≤0.70
2.40-3.90
≤0.20
≤1.2
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL).
2. Insertion loss change over the all input polarization states.


Similar Part No. - DWFC0130P00HP

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DWFC0300A001111 OPLINK-DWFC0300A001111 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300A001112 OPLINK-DWFC0300A001112 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300A001113 OPLINK-DWFC0300A001113 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300A001114 OPLINK-DWFC0300A001114 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300A001115 OPLINK-DWFC0300A001115 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
More results

Similar Description - DWFC0130P00HP

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DWFC-S0011 OPLINK-DWFC-S0011 Datasheet
174Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC1X3-S0156 OPLINK-DWFC1X3-S0156 Datasheet
156Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300P001111 OPLINK-DWFC0300P001111 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
SWFC5333P OPLINK-SWFC5333P Datasheet
134Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC OPLINK-UWFC Datasheet
175Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC-S0070 OPLINK-SWFC-S0070 Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
SWFC1X3 OPLINK-SWFC1X3 Datasheet
154Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC3150P OPLINK-UWFC3150P Datasheet
279Kb / 2P
   Single Window Single-Mode Wideband Fiber Coupler
SWFC9101P OPLINK-SWFC9101P Datasheet
303Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
SWFC1X3-S0169 OPLINK-SWFC1X3-S0169 Datasheet
155Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com