Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OISS1310AS0315 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # OISS1310AS0315
Description  Mini Polarization Insensitive Fiber Isolator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OISS1310AS0315 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  OISS1310AS0315 Datasheet HTML 1Page - OPLINK Communications Inc. OISS1310AS0315 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Oplink Communications, Inc.
Amplifier Components
Amplifier Modules
DWDMs
Switching/Routing/
Monitoring/ Conditioning
Transmission
RGB Laser Modules
Oplink Fiber Optic
Product Lines
Mini OISS Series
Features
Super Compact Size
Low Insertion Loss
Low Insertion Loss Variation
Over Wavelength
High Power Handling
Highly Stable & Reliable
Epoxy-Free Optical Path
80 µm Fiber Pigtail Option
Applications
EDFA & Raman Amplifiers
Fiberoptic Instruments
Fiberoptic Network links
Transmitters and Fiber
Lasers
Mini Polarization Insensitive Fiber Isolator (Single Stage)
Oplink's state of the art, mini polarization-insensitive isolators offer the smallest
package size, 3.0×25mm, which saves 60% real estate comparing to standard
isolators, with excellent performance such as super low insertion loss, low
polarization dependent loss (PDL), low wavelength dependent loss
(WDL), and high isolation. Low PMD version is also available. It also
has a package option with 80mm reduced cladding fiber pigtail,
which results in small bending radius and low bending losses.
Oplink mini isolator can sustain high optical power
due to its optical path epoxy-free packaging. It is
qualified to Telcordia GR-1221 standards.
Performance Specifications
s
t
i
n
U
e
d
a
r
G
A
e
d
a
r
G
P
s
e
i
r
e
S
S
S
I
O
i
n
i
M
1310 ± 15
m
n
5
1
±
0
8
4
1
e
g
n
a
R
h
t
g
n
e
l
e
v
a
W
g
n
it
a
r
e
p
O
1528 ~ 1564
or 1570 ~ 1605
Insertion Loss Max.
(overoperatingwavelengthrange,0~70°C,allSOP)
0.35
0.40
dB
Isolation Min. (over operating wavelength range,0~70°C,all SOP)
22
21
dB
B
d
1
.
0
1
.
0
.
x
a
M
s
s
o
L
t
n
e
d
n
e
p
e
D
h
t
g
n
e
l
e
v
a
W
B
d
0
5
/
5
5
0
5
/
5
5
)
t
u
p
t
u
O
/
t
u
p
n
I
(
s
s
o
L
n
r
u
t
e
R
B
d
0
1
.
0
5
0
.
0
.
x
a
M
)
L
D
P
(
s
s
o
L
t
n
e
d
n
e
p
e
D
n
o
it
a
z
i
r
a
l
o
P
Polarization Mode Dispersion (PMD) Max
0.25
0.25
ps
W
2
g
n
il
d
n
a
H
r
e
w
o
P
m
u
m
i
x
a
M
C
°
0
7
+
o
t
0
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
C
°
5
8
o
t
0
4
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
0
5
2
,
8
2
-
F
M
S
e
p
y
T
r
e
b
i
F
µm Bare Fiber
PureMode RC SMF-28 80µm
(
:
3
P
*
n
o
is
n
e
m
i
D
e
g
a
k
c
a
P
φ)3.0 x (L)25
mm
Values are referenced without connector loss.
* The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified.
For Low PMD version, the PMD (max.) spec is 0.05 ps, and insertion loss spec is 0.05dB higher
Mini Polarization Insensitive
Fiber Isolator (Single Stage)


Similar Part No. - OISS1310AS0315

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OISS1310AS01 OPLINK-OISS1310AS01 Datasheet
373Kb / 2P
   Polarization Insensitive Fiber Isolator
More results

Similar Description - OISS1310AS0315

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OIDS1310000311 OPLINK-OIDS1310000311 Datasheet
264Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
MINI-OISS OPLINK-MINI-OISS Datasheet
279Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
OISSG1310S OPLINK-OISSG1310S Datasheet
237Kb / 2P
   Polarization Insensitive Fiber Isolator
OIXSG OPLINK-OIXSG Datasheet
286Kb / 2P
   Polarization Insensitive Fiber Isolator
OIDS1310P001 OPLINK-OIDS1310P001 Datasheet
216Kb / 2P
   Polarization Insensitive Fiber Isolator
OISS1310PS01 OPLINK-OISS1310PS01 Datasheet
373Kb / 2P
   Polarization Insensitive Fiber Isolator
OISS1550PS03111 OPLINK-OISS1550PS03111 Datasheet
279Kb / 2P
   Mini Polarization Insensitive Fiber Isolator (Single Stage)
OISA OPLINK-OISA Datasheet
174Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OIXSG-S0059 OPLINK-OIXSG-S0059 Datasheet
286Kb / 2P
   Green Polarization Insensitive Fiber Isolator
OISA-S0056 OPLINK-OISA-S0056 Datasheet
174Kb / 2P
   Polarization Insensitive Fiber Isolator Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com