Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR224 Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SR224
Description  224.70 MHz One-Port SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SR224 Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SR224 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SR224 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
224.70 MHz One-Port SAW Resonator
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
S R 2 2 4
Package Dimensions (TO-39)
Marking
Equivalent LC Model and Test Circuit
Typical Application Circuit
Typical Frequency Response
Temperature Characteristics
Electrical Connections
Terminals
Connection
1
Input/ Output
2
Output/ Input
3
Case-Ground
Package Dimensions
Nom (mm)
Dimensions
Min
Max
A
9.10
9.50
B
3.20
3.60
C
2.80
3.20
D
Φ0.25
Φ0.65
E
4.98
5.18
F
2.54 Nominal
G
0.4
0.5
∆T= Tc –To (°C)
The curve shown above accounts for
resonator contribution only and does not
include oscillator temperature
characteristics.
fc = fo, Tc = To
Low Power Transmitter Application
SR224
224.70
Local Oscillator Application
Ink Marking
Color: Black or Blue


Similar Part No. - SR224

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR22 MOSPEC-SR22 Datasheet
224Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Yea Shin Technology Co....
SR22 YEASHIN-SR22 Datasheet
455Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SR22 PANJIT-SR22 Datasheet
58Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
logo
Chip Integration Techno...
SR22 CITC-SR22 Datasheet
150Kb / 3P
   2A Leaded Type Schottky Barrier Rectifiers
logo
Transys Electronics
SR22 TRSYS-SR22 Datasheet
173Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR315 ETC-SR315 Datasheet
86Kb / 2P
   315.00 MHz One-Port SAW Resonator
logo
Vanlong Technology Co.,...
SR916 VANLONG-SR916 Datasheet
91Kb / 2P
   916.50 MHz One-Port SAW Resonator
SR930 VANLONG-SR930 Datasheet
88Kb / 2P
   930.50 MHz One-Port SAW Resonator
SR5411 VANLONG-SR5411 Datasheet
84Kb / 2P
   311.063 MHz One Port SAW Resonator
SR5419 VANLONG-SR5419 Datasheet
94Kb / 2P
   318.00 MHz One Port SAW Resonator
SR5425 VANLONG-SR5425 Datasheet
92Kb / 2P
   345.00 MHz One Port SAW Resonator
SR5428 VANLONG-SR5428 Datasheet
84Kb / 2P
   372.50 MHz One Port SAW Resonator
SR318B VANLONG-SR318B Datasheet
89Kb / 2P
   318.00 MHz One-Port SAW Resonator
SR360 VANLONG-SR360 Datasheet
88Kb / 2P
   360.00 MHz One-Port SAW Resonator
SR390B VANLONG-SR390B Datasheet
87Kb / 2P
   390.00 MHz One-Port SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com